Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5232/FBP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # OM5232/FBP
Description  CMOS single-chip 8-bit microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5232/FBP Datasheet(HTML) 1 Page - NXP Semiconductors

  OM5232/FBP Datasheet HTML 1Page - NXP Semiconductors OM5232/FBP Datasheet HTML 2Page - NXP Semiconductors OM5232/FBP Datasheet HTML 3Page - NXP Semiconductors OM5232/FBP Datasheet HTML 4Page - NXP Semiconductors OM5232/FBP Datasheet HTML 5Page - NXP Semiconductors OM5232/FBP Datasheet HTML 6Page - NXP Semiconductors OM5232/FBP Datasheet HTML 7Page - NXP Semiconductors OM5232/FBP Datasheet HTML 8Page - NXP Semiconductors OM5232/FBP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips Semiconductors
Product specification
OM5232
CMOS single-chip 8-bit microcontroller
1
December 1994
DESCRIPTION
The OM5232 Single-Chip 8-Bit Microcontroller is manufactured in an
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The OM5232 has the same instruction set as
the 80C51.
See also:
– OM5202 — ROMless version
– OM5234 — 16K bytes mask programmable ROM
– OM5238 — 32K bytes mask programmable ROM
This device provides architectural enhancements that make it
applicable in a variety of applications for general control systems.
The OM5232 contains a non-volatile 8k
× 8 read-only program
memory, a volatile 256
× 8 read/write data memory, four 8-bit I/O
ports, two 16-bit timer/event counters (identical to the timers of the
80C51), a multi-source, two-priority-level, nested interrupt structure,
UART and on-chip oscillator and timing circuits. For systems that
require extra capability, the OM5232 can be expanded using
standard TTL compatible memories and logic.
The device also functions as an arithmetic processor having
facilities for both binary and BCD arithmetic plus bit-handling
capabilities. The instruction set consists of over 100 instructions: 49
one-byte, 45 two-byte and 17 three-byte. With a 16MHz crystal, 58%
of the instructions are executed in 0.75
µs and 40% in 1.5µs. Multiply
and divide instructions require 3
µs.
FEATURES
• 80C51 central processing unit
• 8k × 8 ROM, expandable externally to 64k bytes
• 256 × 8 RAM, expandable externally to 64k bytes
• Two standard 16-bit timer/counters
• Four 8-bit I/O ports
• Two open drain I/O’s (P1.6, P1.7)
• Full-duplex UART facilities
• Power control modes
– Idle mode
– Power-down mode
• ROM code protection
• Extended frequency range: 1.2 to 16 MHz
• Operating ambient temperature range: 0 to +70°C
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P1.7
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE
EA
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VDD
DIP
SEE PAGE 2 FOR QFP PIN FUNCTIONS.
QFP
44
34
1
11
33
23
12
22
WR/P3.6
(SOT307–2)
PART NUMBER SELECTION
PHILIPS PART
ORDER NUMBER
PART MARKING
PACKAGE NUMBER
TEMPERATURE RANGE
°C,
PACKAGE
FREQUENCY
MHz
OM5232/FBP/xxx 1)
SOT129
0 to +70, Plastic Dual In–line Package, 40 leads
1.2 to 16
OM5232/FBB/xxx 1)
SOT307–2
0 to +70, Plastic Quad Flat Pack, 44 leads
1.2 to 16
NOTE:
1. xxx denotes the ROM code number.
EQUIVALENT TYPES
Details are as specified by the data sheet for the equivalent type:
OM5202 = P80C652 without I2C function.
OM5232 = P83C652 without I2C function.
OM5234 = P83C654 without I2C function.
OM5238 = P83C528 without I2C function.


Similar Part No. - OM5232/FBP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5233DT ETC-OM5233DT Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5233DT ETC2-OM5233DT Datasheet
25Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5233RT ETC-OM5233RT Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5233RT ETC2-OM5233RT Datasheet
25Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5233ST ETC-OM5233ST Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results

Similar Description - OM5232/FBP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
8-Bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com