Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVL175F Datasheet(PDF) 2 Page - RFE international

Part # FVL175F
Description  STRAP MOUNT PPTC RESETTABLE FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FVL175F Datasheet(HTML) 2 Page - RFE international

  FVL175F Datasheet HTML 1Page - RFE international FVL175F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS (mm)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
TYPICAL TIME-TO-TRIP AT 23°C
Page 2 of 2
NOTE: All Specifications subject to change without notice.
C6BS08
2020.01.10
1
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FVL170F
20.80
23.20
3.50
3.90
0.50
0.80
4.50
6.50
4.50
6.50
2.40
2.60
FVL175F
23.00
24.50
2.90
3.30
0.50
0.80
4.70
7.20
3.80
5.40
2.40
2.60
FVL230F
20.90
23.10
4.90
5.30
0.50
0.80
4.10
5.80
4.10
5.80
3.90
4.10
Part Number
D
F
E
A
B
C
0.001
0.01
0.1
1
10
1
10
100
Fault Current (A)
A B
C
A= FVL170F
B= FVL175F
C= FVL230F
MARKING SYSTEM
Example
FVL □ □ □
F
Part Identification
Product Family
FVL170F
RoHS Compliant/ Lead Free
STRAP MOUNT PPTC RESETTABLE FUSE
FVL Series : 12Vdc, 1.7A ~ 2.3A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com