Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVL175F Datasheet(PDF) 1 Page - RFE international

Part # FVL175F
Description  STRAP MOUNT PPTC RESETTABLE FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FVL175F Datasheet(HTML) 1 Page - RFE international

  FVL175F Datasheet HTML 1Page - RFE international FVL175F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C6BS01
2020.01.10
FEATURES
AGENCY RECOGNITION
Made for RFE by UL shop Fuzetec
• UL
(E211981)
• C-UL
(E211981)
• TÜV
(R50004084)
ELECTRICAL CHARACTERISTICS (23°C)
• Applications : Laptop Computer, Rechargeable battery packs, Lithium Cell and battery packs
• Product Features : Low profile, Solid state,
• Operation Current: 1.7A ~ 2.3A
• Maximum Voltage: 12Vdc
• Temperature Range: -40°C to 85°C
Page 1 of 2
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Physical specifications:
Lead material: 0.1mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape
RoHS
ü
NOTE: All Specifications subject to change without notice.
STRAP MOUNT PPTC RESETTABLE FUSE
FVL Series : 12Vdc, 1.7A ~ 2.3A
THERMAL DERATING CURVE
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
FVL Series
R min
R max
R1 max
IH, A
IT, A
at 5 x IH, s
VMAX, Vdc
IMAX, A
Pd, W
Ohms
Ohms
Ohms
FVL170F
1.70
4.10
5
12
100
1.4
0.018
0.032
0.064
FVL175F
1.75
4.20
5
12
100
1.4
0.017
0.031
0.062
FVL230F
2.30
5.00
5
12
100
1.4
0.012
0.018
0.036
Typical
Power
Resistance
Part Number
Hold
Current
Trip
Current
Maximum
Current
Rated
Voltage
Max. Time
to Trip


Similar Part No. - FVL175F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FVL175F FUZETEC-FVL175F Datasheet
68Kb / 3P
Axial Leaded PTC Resettable Fuse: FVL Series
More results

Similar Description - FVL175F

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
logo
RFE international
FLR RFE-FLR Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com