Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD185-2920-R Datasheet(PDF) 3 Page - RFE international

Part # FSMD185-2920-R
Description  Surface Mountable PTC Resettable Fuse: FSMD2920 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD185-2920-R Datasheet(HTML) 3 Page - RFE international

  FSMD185-2920-R Datasheet HTML 1Page - RFE international FSMD185-2920-R Datasheet HTML 2Page - RFE international FSMD185-2920-R Datasheet HTML 3Page - RFE international FSMD185-2920-R Datasheet HTML 4Page - RFE international FSMD185-2920-R Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NO.
PQ11-01ER
Product Specification and Approval Sheet Version 1
Page 3/5
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/25
5. Thermal Derating Curve
6. Typical Time-To-Trip at 23℃
A = FSMD030-2920-R
B = FSMD050-2920-R
C = FSMD075-2920-R /
075-60-2920-R
D = FSMD100-2920-R
E = FSMD110-60-2920R
F = FSMD125-2920-R
G = FSMD150-2920-R
H = FSMD185-2920-R
I = FSMD200-2920-R /
200-24-2920-R
J = FSMD250-2920-R
K = FSMD260-2920-R /
260-24-2920R
L= FSMD300-2920-R /
300-15-2920R /
300-24-2920R
M = FSMD330-2920R
N = FSMD400-16-2920R
O = FSMD500-16-2920R
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FSMD2920 Series
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault Current (A)
A B CDE FGHI JK LM NO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com