Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD185-2920-R Datasheet(PDF) 1 Page - RFE international

Part # FSMD185-2920-R
Description  Surface Mountable PTC Resettable Fuse: FSMD2920 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD185-2920-R Datasheet(HTML) 1 Page - RFE international

  FSMD185-2920-R Datasheet HTML 1Page - RFE international FSMD185-2920-R Datasheet HTML 2Page - RFE international FSMD185-2920-R Datasheet HTML 3Page - RFE international FSMD185-2920-R Datasheet HTML 4Page - RFE international FSMD185-2920-R Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NO.
PQ11-01ER
Product Specification and Approval Sheet Version 1
Page 1/5
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/25
Surface Mountable PTC Resettable Fuse: FSMD2920 Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: All high-density boards
(c) Product Features: 2920 Dimension, Surface mountable, Solid state, Faster time to
trip than standard SMD devices
(d) Operation Current: 0.30A~5.00A
(e) Maximum Voltage: 6V~60VDC
(f) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL: File No. E211981
TÜV:
File No. R50090556
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max.
Current
Typical
Power
Max. Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec
Ohm
Ohm
FSMD030-2920-R
0.30
0.60
60
100
1.5
1.5
3.0
1.000
4.800
FSMD050-2920-R
0.50
1.00
60
100
1.5
2.5
4.0
0.300
1.400
FSMD075-2920-R
0.75
1.50
33
100
1.5
8.0
0.3
0.180
1.000
FSMD075-60-2920-R
0.75
1.50
60
100
1.5
8.0
0.3
0.180
1.000
FSMD100-2920-R
1.10
2.20
33
100
1.5
8.0
0.5
0.090
0.410
FSMD110-60-2920R
1.10
2.20
60
100
1.5
8.0
0.5
0.090
0.410
FSMD125-2920-R
1.25
2.50
33
100
1.5
8.0
2.0
0.050
0.250
FSMD150-2920-R
1.50
3.00
33
100
1.5
8.0
2.0
0.050
0.230
FSMD185-2920-R
1.85
3.70
33
100
1.5
8.0
2.5
0.040
0.150
FSMD200-2920-R
2.00
4.00
16
100
1.5
8.0
4.5
0.035
0.120
FSMD200-24-2920-R
2.00
4.00
24
100
1.5
8.0
5.0
0.035
0.120
FSMD250-2920-R
2.50
5.00
16
100
1.5
8.0
16.0
0.025
0.085
FSMD260-2920-R
2.60
5.20
6
100
1.5
8.0
20.0
0.020
0.075
FSMD260-24-2920R
2.60
5.20
24
100
1.5
8.0
20.0
0.020
0.075
FSMD300-2920-R
3.00
5.20
6
100
1.5
8.0
25.0
0.010
0.048
FSMD300-15-2920R
3.00
5.20
15
100
1.5
8.0
20.0
0.010
0.048
FSMD300-24-2920R
3.00
5.20
24
100
1.5
8.0
20.0
0.010
0.048
FSMD330-2920R
3.30
5.50
24
100
1.5
8.0
20.0
0.010
0.048
FSMD400-16-2920R
4.00
8.00
16
100
1.5
20.0
4.0
0.010
0.040
FSMD500-16-2920R
5.00
10.00
16
100
1.5
20.0
5.0
0.005
0.025
IH=Hold current-maximum current at which the device will not trip at 23℃still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
VMAX=Maximum voltage device can withstand without damage at it rated current (IMAX).
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23℃ measured 1 hour after tripping or reflow soldering of 260℃ for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin


Similar Part No. - FSMD185-2920-R

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSMD185-2920-R FUZETEC-FSMD185-2920-R Datasheet
214Kb / 5P
Surface Mountable PTC Resettable Fuse : FSMD2920 Series
More results

Similar Description - FSMD185-2920-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
Surface Mountable PTC Resettable Fuse
MC36210 ETC2-MC36210 Datasheet
66Kb / 4P
Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
Surface Mountable PTC Resettable Fuse : FSMD20
FSMD030-2920-R FUZETEC-FSMD030-2920-R Datasheet
214Kb / 5P
Surface Mountable PTC Resettable Fuse : FSMD2920 Series
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
Surface Mountable PTC Resettable Fuse
logo
RFE international
FSMD0603 RFE-FSMD0603 Datasheet
342Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0603 Series
2021/04/08
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com