Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBEAC Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CBEAC
Description  Easy Assembly Electronics enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CBEAC Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CBEAC Datasheet HTML 1Page - CamdenBoss Ltd. CBEAC Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Call our sales team on 01638 716101 or visit marketing.camdenboss.com/easy-assembly-electronics-enclosures
01
Eas y As sembly
Electr onics enclosur e
INDIVIDU AL SIZE SPECIFICATION
ENCLO SURE
SIZE
GREY (GY)
BLACK (BK)
WHITE (WH)
EXTERNAL DIMENSIONS
(LX W XH)
INTERNAL
DIMENSIONS (LX WLH)
WALL THICKNES S
Size 1
CBEAC-01-GY
CBEAC-01-BK
CBEAC-01-WH
90mm x 60mm x 40mm
82mm x 52mm x 36mm
2.5mm
Size 2
CBEAC-02-GY
CBEAC-02-BK
CBEAC-02-WH
110mm x 70mm x 45mm
101.5mm x 61.5mm x 41mm
2.5mm
Size 3
CBEAC-03-GY
CBEAC-03-BK
CBEAC-03-WH
130mm x 80mm x 45mm
121.5mm x 71.5mm x 41mm
2.5mm
Size 4
CBEAC-04-GY
CBEAC-04-BK
CBEAC-04-WH
150mm x 90mm x 50mm
144mm x 83mm x 46mm
2.5mm
RANGE SPECIFICATION
STANDARD UNIT INCLUDES
Base, lid and one M3 screw (Pozi Pan BZP)
MATERIALS
Base
UL94-V0 ABS
Lid
UL94-V0 ABS/ brass M3 insert
Screw
Bright Zinc Plated Steel
COLOURS
Grey
RAL7047
Black
RAL9005
White
RAL9003
COMPLIANCE
RoHS compliant
IP RATING
IP40
OPERATING TEMPERATURE
-10°C to 80°C
TEST RESULTS
Standard
Test
Result
Test report
EN62262
Impact test
IK06
TR106
UL94
Flammability
V0
E115797
SCREW TORQUE
M3 screw (Pozi Pan)
0.5Nm
PURCHASING INFORMATION
Country of origin
Great Britain (GB)
Commodity code
39231010
Weight
Size 1
619g
Size 2
849g
Size 3
1079g
Size 4
1289g
Enclosure type
Universal
OPTIONS
For different colours and materials MOQs will apply
Digital printing, screen printing, machining /
drilling and engraving.
Cus t omisa tion options
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
Universal Wall Mount Bracket
(CBWM-10xx)
DIN Rail Mount Bracket
(CDR-Bracket)
A c c es sories
Data logging, fire sensors, solar controllers,
DIN Rail electronics, environmental monitoring,
desktop instruments, production equipment, solar
controllers, IoT equipment, speakers and audible
indication and much more...
P ot ential indus tries /
applica tions
L
H
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com