Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBEAC Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CBEAC
Description  Easy Assembly Electronics enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CBEAC Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CBEAC Datasheet HTML 1Page - CamdenBoss Ltd. CBEAC Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Call our sales team on 01638 716101 or visit marketing.camdenboss.com/easy-assembly-electronics-enclosures
01
Eas y As sembly
Electr onics enclosur e
DIMENSIONS FOR EACH ENCLO SURE SIZE
ENCLO SURE
SIZE
PCB MOUNTING PO SITION
MAX PCB DIMENSIONS
BOARD THICKNES S
SIZE 1
BA SE
A
Lower Screw Mounted
82mm x 52mm (end connector) / 80.5mm (side connectors)
Any
B
Upper Captivated
84mm x 53mm
0.8 to 1.8mm
LID
C
Four Screw Mounts
68mm x 54mm
Any
SIZE 2
BA SE
A
Lower Screw Mounted
101.5mm x 61.5mm (end connector) / 100.5mm (side connector)
Any
B
Upper Captivated
104mm x 63mm
0.8 to 1.8 mm
LID
C
Four Screw Mounts
89mm x 61.5mm
Any
SIZE 3
BA SE
A
Lower Screw Mounted Full board
121.5mm x 71.5mm (end connector) / 121mm (side connector)
Any
A
Lower Screw Mounted Half Board
71.5mm x 45.3mm (central pillars) / 60.25mm (off centre pillars)
Any
B
Upper Captivated
124mm x 73mm
0.8 to 1.8mm
LID
C
Four Screw Mounts
109mm x 71.5mm
Any
SIZE 4
BA SE
A
Lower Screw Mounted Full Board
141mm x 81mm (end connector & side connector)
Any
A
Lower Screw Mounted Half Board
81mm x 44.8mm (centre pillars) / 70mm (off centre pillars)
Any
B
Upper Captivated
144mm x 83mm
0.8 to 1.8mm
LID
C
Four Screw Mounts
129mm x 81mm
Any
PCB positions
A
B
C
C
B
A
A
B
Pr oduct o v ervie w
This UK manufactured universal enclosure has been designed
to provide flexibility and increased functionality. A unique, dual
action lid and clip-in-points for your PCB, reduces assembly time
whilst providing the end user with a premium quality, modern
product. Moulded from ABS UL94-V0 material, in a variety of
sizes and colours, with optional DIN Rail / wall mount brackets
available. If you need an enclosure that can handle generic
electronic applications whilst looking good, then look no further!
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
Dual action lid
The dual action lid is held in place with a push-button clip
or with a single screw.
Spring feature in lid
Holds the PCB securely in place without the need for
screws, greatly improving the assembly time.
No corner pillars
Maximised PCB footprint, providing edge-to-edge capability.
PCB edge corner supports in the base
Sizes 3 & 4 have four additional half board supports which
can be removed to make way for solder points on the
bottom of the PCB.
Multiple PCB mounting points in base and lid
Central position mounting bosses support edge-to-edge
capability. Suitable for 3mm x 6mm screws.
Smooth finish
All sides of the enclosure have been designed to have a
smooth finish for ease of customisation and modification.
Raspberry Pi compatible
Sizes 3 & 4 fit Raspberry Pi 3 and 4 and Size 1 fits the
Raspberry Pi Zero.
K e y f ea tur es


Similar Part No. - CBEAC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CBE TEC-CBE Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
KITAGAWA GmbH
CBE KGS-CBE Datasheet
396Kb / 1P
Standard PCB card ejector
logo
Richco, Inc.
CBE-11 RICHCO-CBE-11 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
CBE-12 RICHCO-CBE-12 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
logo
KITAGAWA GmbH
CBE-12 KGS-CBE-12 Datasheet
396Kb / 1P
Standard PCB card ejector
More results

Similar Description - CBEAC

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P690-G12-PM VINCOTECH-V23990-P690-G12-PM Datasheet
493Kb / 6P
Press-fir pins for easy assembly
logo
Murata Power Solutions ...
MVAC-COVER MURATA-PS-MVAC-COVER Datasheet
173Kb / 2P
Enclosure Assembly for MVACxxx Series
logo
Vishay Siliconix
75136 VISHAY-75136 Datasheet
116Kb / 1P
Power-Pole Assembly for the Power Electronics Lab
24-Nov-15
75550 VISHAY-75550 Datasheet
61Kb / 1P
2-Inverter Assembly for the Power Electronics Lab
24-Nov-15
92020 VISHAY-92020 Datasheet
89Kb / 1P
Power-Pole Electronics FPGA Controller Assembly
25-Nov-15
101234 VISHAY-101234 Datasheet
100Kb / 1P
3-Inverter Assembly for the Power Electronics Lab
25-Nov-15
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9240 AVAGO-AEDS-9240 Datasheet
483Kb / 9P
Easy assembly with alignment jig
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
logo
PHOENIX CONTACT
1411433 PHOENIX-1411433 Datasheet
89Kb / 4P
Convenient: quick and easy assembly without special tools
1414721 PHOENIX-1414721 Datasheet
79Kb / 4P
Convenient: quick and easy assembly without special tools
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com