Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBPI22 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CBPI22
Description  22mm panel indicators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CBPI22 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CBPI22 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
LIGHT
258
Pr oduct o v ervie w
• Multi-chip LED technology
• Modern and effective replacement for traditional 22mm pilot lights
• Up to 400% more efficient than traditional incandescent indicators
• Brighter/lower power
• Back of panel lock nut fixing
• Screw clamp terminals
• Screw cover is colour coded to lens colour to aid identification
during installation
• IP65 rated (front of panel)
• 4 voltage options (others available on request)
• Red, green, amber, white and blue lens colour options as standard
• 2 lens options available on request
• Black body available on request (standard on ST version)
•
approved
• Available with self-test option
22mm panel indica t ors
SPECIFICATION
Colour
Red, green, amber, blue
Voltage
12V, 24V, 110V, 230V
Current rating
20mA
Number of chips (red/amber)
8
Number of chips (green/blue/white)
Pure 1
Wavelength green
6300nM
Wavelength amber
5600nM
Wavelength red
6600nM
Wavelength blue
470nM
White colour temperature
10659K
Degree of protection (front of panel)
IP65
Operating temperature
-25 °C~+55 °C
Relative humidity
≤85%
Life expectancy
30000 hours
Material: Plastic enclosure
PBT
Material: Legend plate
PBT
Flammability rating
UL94-V0
PART NO.
CBPI22
X X-
XXX/
XXX
CBPI22 series indicator
CBPI22
ST
Self Test
12V
12
24V
24
110V
110
230V
230
Lens colour: red
RD
Lens colour: green
GRN
Lens colour: amber
AMB
Lens colour: white
WH
Lens colour: blue
BLU
CBPI22
E.g. CBPI22ST-230/BLU - Self test, 230V, blue
CBPI22-230/AMB - Standard, 230V, amber
KEY FEATURES
S tandar d or bic olour diffused option | Clear lens f or high brightnes s | Efficient
CBPI22ST
Ø29
Ø21.5
6 max
M22
CBPI22ST
Common
Signal
Test
Ø29
M22
6 max
Ø21.5
CBPI22
Common
Signal


Similar Part No. - CBPI22

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CBPIBLOX-BLK MULTICOMP-CBPIBLOX-BLK Datasheet
198Kb / 1P
Pi-Blox Enclosures
12/08/15 V1.0
CBPIBLOX-BLU MULTICOMP-CBPIBLOX-BLU Datasheet
198Kb / 1P
Pi-Blox Enclosures
12/08/15 V1.0
CBPIBLOX-RED MULTICOMP-CBPIBLOX-RED Datasheet
198Kb / 1P
Pi-Blox Enclosures
12/08/15 V1.0
CBPIBLOX-WHT MULTICOMP-CBPIBLOX-WHT Datasheet
198Kb / 1P
Pi-Blox Enclosures
12/08/15 V1.0
CBPIBLOX-YEL MULTICOMP-CBPIBLOX-YEL Datasheet
198Kb / 1P
Pi-Blox Enclosures
12/08/15 V1.0
More results

Similar Description - CBPI22

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
PANEL INDICATORS
logo
Fairchild Semiconductor
MV53173 FAIRCHILD-MV53173 Datasheet
333Kb / 4P
PANEL INDICATORS
logo
Toshiba Semiconductor
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
Panel Circuit Indicators
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com