Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE10.01.SCM Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CE10.01.SCM
Description  Safe t y l i m i t switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE10.01.SCM Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CE10.01.SCM Datasheet HTML 1Page - CamdenBoss Ltd. CE10.01.SCM Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
LIMIT S WIT CHES
202
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
PART NO.
CONTACT CONFIGURATION
CE41.00.S5P
00
CE41.01.S5P
01
CE41.02.S5P
02
CE41.03.S5P
03
CE41.05.S5P
05
CE41.06.S5P
06
CE41.08.S5P
08
CE41.09.S5P
09
40mm polymeric casing 1 cable inlet IP65
S5
PART NO.
CONTACT CONFIGURATION
CE41.00.S5M
00
CE41.01.S5M
01
CE41.02.S5M
02
CE41.03.S5M
03
CE41.05.S5M
05
CE41.06.S5M
06
CE41.08.S5M
08
CE41.09.S5M
09
PART NO.
CONTACT CONFIGURATION
CE41.00.TM
00
CE41.02.TM
02
CE41.05.TM
05
CE41.06.TM
06
CE41.08.TM
08
CE41.09.TM
09
40mm metal casing 1 cable inlet IP66
T
S5
PART NO.
CONTACT CONFIGURATION
CE20.00.S5P
00
CE20.01.S5P
01
CE20.02.S5P
02
CE20.05.S5P
05
PART NO.
CONTACT CONFIGURATION
CE20.00.SCP
00
CE20.01.SCP
01
CE20.02.SCP
02
CE20.03.SCP
03
CE20.05.SCP
05
50mm polymeric casing 3 cable inlet IP65
SC
PART NO.
CONTACT CONFIGURATION
CE20.00.TB
00
CE20.01.TB
02
CE20.05.TB
05
CE20.08.TB
08
CE20.09.TB
09
T
PART NO.
CONTACT CONFIGURATION
CE21.00.S5M
00
CE21.01.S5M
01
CE21.02.S5M
02
CE21.03.S5M
03
CE21.05.S5M
05
PART NO.
CONTACT CONFIGURATION
CE21.00.SCM
00
CE21.01.SCM
01
CE21.02.SCM
02
CE21.03.SCM
03
CE21.05.SCM
05
50mm metal casing 3 cable inlet IP66
SC
PART NO.
CONTACT CONFIGURATION
CE21.02.TM
02
CE21.05.TM
05
T
S5
S5
PART NO.
CONTACT CONFIGURATION
CE31.00.S5M
00
CE31.01.S5M
01
CE31.02.S5M
02
CE31.03.S5M
03
CE31.05.S5M
05
CE31.06.S5M
06
CE31.08.S5M
08
CE31.09.S5M
09
PART NO.
CONTACT CONFIGURATION
CE31.00.SCM
00
CE31.02.SCM
02
CE31.05.SCM
05
CE31.06.SCM
06
CE31.08.SCM
08
CE31.09.SCM
09
60mm metal casing 1 cable inlet IP66
SC
S5
Saf ety limit s wit ches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com