Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE10.01.SCM Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CE10.01.SCM
Description  Safe t y l i m i t switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE10.01.SCM Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CE10.01.SCM Datasheet HTML 1Page - CamdenBoss Ltd. CE10.01.SCM Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
201
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
LIMIT S WIT CHES
Saf ety limit s wit ches
Pr oduct o v ervie w
• Visible operation
• Electromechanical limit safety switch
• High switch current
• Precise operating points
• Snap action, slow action, break and
make before break, simultaneous action
contact block options
• 1, 2 and 3 cable inlet options
• Polymeric IP65 and metal IP66 casing
• PG13.5 inlet as standard
• M20x1.5 inlet available to order
SPECIFICATION
Rating
10A/24VAC, 1A/230VAC-3, 9A/380VAC-1
8A/24VDC-2, 0.27A/250VDC
Insulation voltage
CE10-M and CE21-M
690V
400V
Impulse withstand voltage
6kV
Operating temperature
-25°C to +70°C
Short circuit protection
Fuse 10A type gG
PART NO.
CONTACT CONFIGURATION
CE10.00.S5P
00
CE10.01.S5P
01
CE10.02.S5P
02
CE10.03.S5P
03
CE10.05.S5P
05
00 Snap action
1NO+1NC
05 Slow action break
before make
1NO+1NC
01Slow action make
before break 1NO+1NC
02 Simultaneous slow
action
2NC
03 Snap action
2NC
09 Simultaneous slow
action
3NC
08 Slow action break
before make
1NO+2NC
06 Slow action break
before make
2NO+1NC
PART NO.
CONTACT CONFIGURATION
CE10.00.SCP
00
CE10.01.SCP
01
CE10.02.SCP
02
CE10.03.SCP
03
CE10.05.SCP
05
30mm polymeric casing 1 cable inlet IP65
S5
SC
PART NO.
CONTACT CONFIGURATION
CE10.00.S5M
00
CE10.01.S5M
01
CE10.02.S5M
02
CE10.03.S5M
03
CE10.05.S5M
05
PART NO.
CONTACT CONFIGURATION
CE10.00.SCM
00
CE10.01.SCM
01
CE10.02.SCM
02
CE10.03.SCM
03
CE10.05.SCM
05
30mm metal casing 1 cable inlet IP66
SC
S5
S5 - 90° adjustable
head
key operated
SC - Zinc plated
shaft
T - Pull wire without
reset for simple stop
13
21
14
22
13
13
13
13
21
21
21
21
21
21
22
22
22
22
22
22
14
14
14
14
11
11
12
11
12
12
32
23
24
31
31
31
32
32
Zb
Zb
Zb
Zb
Zb
Zb
Zb
Zb


Similar Part No. - CE10.01.SCM

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE10.00.D000 CAMDENBOSS-CE10.00.D000 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
CE10.00.D090 CAMDENBOSS-CE10.00.D090 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
CE10.00.D180 CAMDENBOSS-CE10.00.D180 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
CE10.00.D270 CAMDENBOSS-CE10.00.D270 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
More results

Similar Description - CE10.01.SCM

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S320KGKT LITEON-LTST-S320KGKT_14 Datasheet
550Kb / 12P
P r o p e r t y o f L i t e -On On l y
LTST-S320KGKT-5A LITEON-LTST-S320KGKT-5A_14 Datasheet
669Kb / 10P
P r o p e r t y o f L i t e - O n O n l y
LTST-S320KGKTR LITEON-LTST-S320KGKTR_14 Datasheet
671Kb / 10P
P r o p e r t y o f L i t e - O n O n l y
LTST-S320KRKT LITEON-LTST-S320KRKT_14 Datasheet
547Kb / 12P
P r o p e r t y o f L i t e -On On l y
LTST-S482KGKT-5A LITEON-LTST-S482KGKT-5A Datasheet
558Kb / 12P
P r o p e r t y o f L i t e -On On l y
logo
E-Tech Electronics LTD
GE13007 ETL-GE13007 Datasheet
308Kb / 3P
N P N S I L I CO N T R I P L E D I F F U S E D M E S A T Y P E T R A N S I S T O R
GPNE555 ETL-GPNE555 Datasheet
503Kb / 5P
S I N G L E T I M E R
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
T E L E C O M R E C T I F I E R S Y S T E M S
logo
CamdenBoss Ltd.
CE60 CAMDENBOSS-CE60 Datasheet
923Kb / 1P
35mm wide pre-wire d l i m i t switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com