Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMFTB Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CMFTB
Description  6.3x25mm fused terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CMFTB Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CMFTB Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSED TERMINAL BLOCK S
216
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
Pr oduct o v ervie w
• 2 or 3 pole terminal block
• Accepts 5x20mm and 6.3x25mm (1”x1/
4”)
fuses
• Anti rotation spigot
• IP20 finger protection
• Cable entry 3x1.5mm2 or 2x2.5mm2
• 16mm fixing pitch
• 2 pole supplied in 3 pole housing
• 3 pole supplied complete with fixing screw
and washer
•
approved
6.3x25mm fused t erminal blocks
PART NO.
POLES
CMFTB/2
2
CMFTB/3
3
CMFTB
SPECIFICATION
Rating
Fuseholder 250V AC
Terminal 450V AC
Current rating
Fuseholder 13A
Terminal 20A
Moulding
UL94-V0 flame retardant PA
Terminal
Brass, nickel plated
Fuse clip
Phosphor bronze
Temperature
-20°C to 125°C
Fuse size
5x20mm glass or ceramic
6.3x25mm glass or ceramic
Screws
Steel zinc plated M3.6
GWIT
775°C
GWFI
850°C
KEY FEATURES
2 and 3 pole use the same body | A c c epts 5x20 and 6.3x25 fuses | Terminal marking
A S SOCIATED PRODUCT S
CFB05 20F
- Glas s 5x20mm quick blo w fuses
page 228
CFB05 20T
- Glas s 5x20mm time dela y fuses
page 228
CFB05 21CF
- C er amic 5x20mm quick blo w fuses
page 229
CFB05 21CT
- C er amic 5x20mm time dela y fuses
page 229
CFB06 325F G
- Glas s 6.3x25mm quick blo w fuses
page 230
CFB06 325TG
- Glas s 6.3x25mm time dela y fuses
page 230
Ø3.5
18.85
24.30
11.30
27.40
Vers 3


Similar Part No. - CMFTB

ManufacturerPart #DatasheetDescription
logo
Clarke International
CMFT220 CLARKE-CMFT220 Datasheet
1Mb / 16P
MULTI FUNCTION TOOL
GC0725 - ISS 5
CMFT250 CLARKE-CMFT250 Datasheet
4Mb / 20P
MULTI FUNCTION TOOL KIT
DL0423- Rev 4
CMFT300QR CLARKE-CMFT300QR Datasheet
3Mb / 16P
MULTI FUNCTION TOOL WITH QUICK RELEASE
DL0123 - ISS 4
More results

Similar Description - CMFTB

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Dubilier
DBCFH1-3 DUBILIER-DBCFH1-3 Datasheet
103Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH1A-2 DUBILIER-DBCFH1A-2 Datasheet
73Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
logo
CamdenBoss Ltd.
CFTBN CAMDENBOSS-CFTBN Datasheet
337Kb / 1P
5x20mm Fused Terminal Blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com