Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMU0100 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSMU0100
Description  Ultra miniature microswitches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSMU0100 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSMU0100 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
181
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
MICRO S WIT CHES
KEY FEATURES
Ultr a minia tur e , spac e sa ving pr ofile | Single pole double thr o w action
Ultr a minia tur e micr os wit ches
Pr oduct o v ervie w
• Rating 3A switching S.P.D.T.
• Space saving simulated
• Button, lever or roller actuators
• PCB mounting
• 90° Pins available to order
• C
US
and
approved
SPECIFICATION
Rating
3A/125VAC
Contact resistance
50mΩ max
Insulation strength
100MΩ min/500VDC
Electrical life
10,000 operations min
Temperature range
-10°C to +85°C
Material
Case
Button
Actuator
Contacts
PBT
PBT
Stainless steel
AgNi10
Teminals
Brass alloy H65 silver plated
3A
ACTUATOR S TYLE
OPERATING
FORCE MAX
RELEA SE
FORCE MAX
OPERATING
PO SITION
PRE TRAVEL
M AX
MOVEMENT
DIFFERENTIAL
OVER TRAVEL
MIN
CSMU0100
Button
1.5N
0.08N
5.5 ± 0.3mm
N/A
0.2mm
0.2mm
CSMU0101
Tapered lever
0.23N
0.03N
6.2 ± 0.8mm
N/A
0.7mm
0.7mm
CSMU0106
Parallel lever
0.23N
0.03N
7 ± 1.2mm
N/A
0.7mm
0.7mm
CSMU0140
Simulated roller
0.4N
0.05N
8.2 ± 1.5mm
4.2mm
0.9mm
0.9mm
CSMU01
Types of actuator
Tapered lever
Parallel lever
Simulated roller
Button
ø2
5
5
1.50
6.50
5.40
NO
NC
C
OP
12.80
5.80
3.60
6.50
0.80
2.90
0.60
5.80
3.60
6.50
0.60
3.60
NO
NC
C
1.50
6.50
5.40
OP
12.80
5.08
5.08
10.6
NO
NC
C
NO
NC
C
5.80
3.60
6.50
0.60
3.60
1.50
6.50
5.40
OP
12.80
5.08
5.08
10.6
3
ø2
5.80
3.60
6.50
0.60
3.60
1.50
6.50
OP
12.80
5.10
5.10
11.90
1.85
0.80


Similar Part No. - CSMU0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
logo
Ohmite Mfg. Co.
CSM OHMITE-CSM Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
logo
BlockMaster Electronics...
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
127Kb / 1P
This specification applies to – CSFXX001 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
131Kb / 1P
This specification applies to – CSFXX002 - Plug
6/11/2017
More results

Similar Description - CSMU0100

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OSC-3B2 VECTRON-OSC-3B2 Datasheet
277Kb / 4P
Ultra Miniature TCXO
logo
List of Unclassifed Man...
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
Snap-action Microswitches
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
logo
Copal Electronics
LTR1 COPAL-LTR1 Datasheet
572Kb / 5P
Ultra-Miniature Illuminated
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
Ultra miniature size
logo
List of Unclassifed Man...
V4-83170 ETC1-V4-83170 Datasheet
3Mb / 8P
SUBMINIATURE MICROSWITCHES - PREMIUM
logo
CamdenBoss Ltd.
CSM405 CAMDENBOSS-CSM405 Datasheet
910Kb / 1P
V4 type sub miniature microswitches 5A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com