Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF032 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CSF032
Description  HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CSF032 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CSF032 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH CSF032 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
34
PRODUCT CATALOGUE - STEGO
TECHNICAL DATA
Heating element
PTC resistor – temperature limiting
Surface temperature
max. +80 °C (+176 °F), except upper protective grille
at +20 °C (+68 °F) ambient temperature
Temperature safety cut-out
to protect against overheating in case of fan failure, automatic reset
Axial fan, ball bearing
air flow 63 m³/h, free flow
service life 50,000 h (L10) at 25 °C (77 °F)
Connection
male power insert connector according to IEC320 C18
Casing
plastic according to UL94 V-0, black
Mounting
clip for 35 mm DIN rail, EN 60715 or
screw fixing (M5), tightening torque 2 Nm max.
Fitting position
airflow direction up
Dimensions
152.5 x 88 x 66 mm
Weight
approx. 0.5 kg
Operation/Storage temperature
-40 to +60 °C (-40 to +140 °F) / -40 to +70 °C (-40 to +158 °F)
Operation/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
Approvals
VDE, UL File No. E234324, EAC
Important note: Connectors and cables for electrical connection are not included in the delivery. Connection cables can be ordered
separately, see Accessories.
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
CS 032 / CSF 032 |1,000W
The compact high performance fan heater prevents formation of condensation and frost and provides an evenly
distributed interior air temperature in enclosures with electric/electronic components.The plastic housing provides
double insulation and acts as protection against contact. Two screw connectors at the front of CS 032 allow
comfortable wiring of an external thermostat. The CSF 032 is equipped with a pre-set thermostat. Both models
were designed for wall fixing. A fan heater for fixing on the bottom of the enclosure is available on request.
> Compact and slim design
> High heating performance
> Double insulated
> With or without thermostat
> Quick connection
Art. No. Clip fixing
Art. No. Screw fixing
Operating voltage
Heating capacity¹
Inrush current max.
03209.0-00
03209.0-01
AC 220 – 240 V, 50/60 Hz
1,000 W
12.0 A
03209.9-00
03209.9-01
AC 100 – 120 V, 50/60 Hz
1,000 W
18.0 A
Fan heater CS 032
Fan heater CSF 032
FAN HEATER CS 032 (WITHOUT THERMOSTAT)
FAN HEATER CSF 032 (WITH THERMOSTAT)
Art. No. Clip fixing
Art. No. Screw fixing
Operating voltage
Heating capacity¹
Inrush current max.
Switch-off temperature²
Switch-on temperature²
03201.0-00
03201.0-01
AC 220 – 240 V, 50/60 Hz
1,000 W
12.0 A
+25 °C (+77 °F)
+15 °C (+59 °F)
03202.0-00
03202.0-01
AC 220 – 240 V, 50/60 Hz
1,000 W
12.0 A
+15 °C (+59 °F)
+5 °C (+41 °F)
03201.9-00
03201.9-01
AC 100 – 120 V, 50/60 Hz
1,000 W
18.0 A
+25 °C (+77 °F)
+15 °C (+59 °F)
03202.9-00
03202.9-01
AC 100 – 120 V, 50/60 Hz
1,000 W
18.0 A
+15 °C (+59 °F)
+5 °C (+41 °F)
¹ at +25 °C (+77 °F) ambient temperature; ² tolerance ±5 K
Note: Other switch-off and switch-on temperatures on request.
HEATING
34TECHNICAL DATASHEET


Similar Part No. - CSF032

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CSF060 STEGO-CSF060 Datasheet
217Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
More results

Similar Description - CSF032

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS030 STEGO-CS030 Datasheet
245Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CS130 STEGO-CS130 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
DCR030 STEGO-DCR030 Datasheet
278Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
DCR130 STEGO-DCR130 Datasheet
282Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com