Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF032 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # CSF032
Description  HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CSF032 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  CSF032 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH CSF032 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
35
STEGO - PRODUCT CATALOGUE
View: back side
CSF 032 Fan Heater with Integrated Thermostat
CS 032 Fan Heater
Screw fixing
Clip fixing
Heating capacity / Ambient temperature diagram
Temperature ( °C)
Photo: Retaining Clip art. no. 237009 in built-in state
ACCESSORIES
Connection cable with female power insert connector according IEC320 C17
Retaining Clip
Art. No.
Note
237009
Suitable for female power insert connector on connection cable 244379 and 244380
TECHNICAL DRAWING
Art. No.
Length (L)
244379
1.0 m
244380
2.0 m
HEATING
35
TECHNICAL DATASHEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com