Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. 0 | 52 of 70
Address: 0x02F, Reset: 0x00, Name: REG002F
Table 68. Bit Descriptions for REG002F
Bits
Bit Name
Description
Reset
Access
7
BST_REF
Gain Boost for Low Amplitude Sinewave Ref Input (REF_SEL = 1).
0x0
R/W
0: use for large ref input signals > 8 dBm when REF_SEL = 1.
1: use for ref input signals < 8 dBm when REF_SEL = 1.
6
FILT_REF
Select Noise Filter for Sinewave Ref Input Buffer.
0x0
R/W
0: noise filter off.
1: noise filter on.
[5:0]
RDBLR_DC
Reference Doubler Output Duty-Cycle.
0x0
R/W
Address: 0x030, Reset: 0x00, Name: REG0030
Table 69. Bit Descriptions for REG0030
Bits
Bit Name
Description
Reset
Access
7
MUTE_NCLK
Stop NCLK to PFD Toggling.
0x0
R/W
6
MUTE_RCLK
Stop RCLK to PFD Toggling.
0x0
R/W
5
REF_SEL
Select CML Reference Input or Sine-Wave and Slow Slew-Rate Reference Input.
0x0
R/W
0: CML reference input.
1: sine-wave or slow slew-rate reference input.
4
INV_RDBLR
Invert the Reference Doubler Output.
0x0
R/W
0: doubler output not inverted.
1: doubler output inverted.
[3:0]
RDBLR_DEL_SEL
Sets the Doubler Pulse Width.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com