Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 21Page - Analog Devices ADF4382ABCCZ Datasheet HTML 22Page - Analog Devices ADF4382ABCCZ Datasheet HTML 23Page - Analog Devices ADF4382ABCCZ Datasheet HTML 24Page - Analog Devices ADF4382ABCCZ Datasheet HTML 25Page - Analog Devices ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 70
Figure 53. VCO Calibration Block
The following calibration timeout bit fields must be programmed for
autocalibration:
►
CAL_VTUNE_TO: At the beginning of the calibration, VTUNE
is precharged to a nominal voltage, which is dependent on the
temperature of operation. CAL_VTUNE_TO sets the precharge
time as follows:
CAL_VTUNE_TO = Ceil 
Target VTUNE Calibration Timeout × fPFD2DCLK_DIV1
The largest value capacitor in the loop filter directly affects the
time taken to precharge to VTUNE. Refer to the Calibration Time
Performance Consideration section for more details.
►
CAL_COUNT_TO: CAL_COUNT_TO is the count calibration
timeout. During autocalibration, there are nine band decisions
to be made to select the final band of operation for the selected
frequency. CAL_COUNT_TO is used to program the time taken
for each band decision. This time affects the calibration accura-
cy. Use the following equation to set the decision time of each
band:
CAL_COUNT_TO = Ceil
Target Band Decision Time × fPFD
2DCLK_DIV1×16
►
CAL_VCO_TO: This bit field is used to set the time required for
frequency settling after each band decision. To se this time, use
the following equation:
CAL_VCO_TO = Ceil
Target VCO Frequency Settling Timeout×fPFD
2DCLK_DIV1
To perform a VCO calibration, set up the following several registers
as outlined in the following procedure:
1. Set DCLK_DIV1 and DCLK_MODE to the values listed in Table
19 and record fDIV_RCLK for later use.
2. Calculate and set the minimum required values for
CAL_VTUNE_TO, CAL_VCO_TO, and CAL_COUNT_TO as
per their corresponding formulas previously described in this
section.
3. Set the N_INT, RFOUT_DIV, and R_DIV bits and the
EN_RDBLR bit by programming Register 0x010 last. Any writes
to Register 0x010 start the VCO autocalibration.
4. Monitor the ADC_BUSY bit and FSM_BUSY bit (Register
0x058, Bit 2 and Bit 3, respectively). The calibration is finished
when ADC_BUSY transitions from high to low, followed with
FSM_BUSY transitioning from high to low.
5. After the VCO calibration is complete, disable the calibra-
tion clocks to limit unwanted spurious content by setting
EN_DRCLK = EN_DNCLK = 0.
Table 19. DCLK_DIV1 and DCLK_MODE Setup
fPFD (MHz)
DCLK_DIV1
DCLK_MODE
fDIV_RCLK (MHz)
≤11
0
0
fFPD
>11 and ≤160
0
1
fFPD/2
>160 and ≤320
1
1
fPFD/4
>320
2
1
fPFD/8
Total Autocalibration Time
Use each of the calibration timeout values to calculate the total
autocalibration time as follows:
Total Autocalibration Time = Target VTUNE Calibration Timeout +
(2/fDIV_RCLK) + (10 × VTUNE Setting Time) + VCAL Low Time
where:
VTUNE Settling Time = 
Target VTUNE Calibration Timeout + (2 ×fDIV_RCLK
fDIV_RCLK=  fPFD
2DCLK_DIV1 + DCLK_MODE
VCAL Low Time=  2fDIV_RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com