Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4444 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4444
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4444 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4444 Datasheet HTML 11Page - Analog Devices LTC4444 Datasheet HTML 12Page - Analog Devices LTC4444 Datasheet HTML 13Page - Analog Devices LTC4444 Datasheet HTML 14Page - Analog Devices LTC4444 Datasheet HTML 15Page - Analog Devices LTC4444 Datasheet HTML 16Page - Analog Devices LTC4444 Datasheet HTML 17Page - Analog Devices LTC4444 Datasheet HTML 18Page - Analog Devices LTC4444 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
16 of 19
TYPICAL APPLICATIONS
Figure 24. 48V Input, 24V and 10A Output, 500kHz to 1MHz Buck Converter
Figure 25. Efficiency vs. Load Current (with Forced Air)
Figure 26. 48V Input, 12V 20A Output, 500kHz Buck Converter
0.1µF
4.7µF
100µF
GaN FET
G1
GaN FET
G2
L1
4.7µH
5.6Ω
2Ω
0.1µF
100µF
BST
TGP
TGN
SW
BGP
BGN
GND
VCC
INB
INT
VCC
SW
TOP SIDE INPUT: INT
BOTTOM SIDE INPUT: INB
VIN
48V
VCC
5V
VOUT
24V 10A
LT8418
500kHz - 1MHz PWM
G1, G2: EPC EPC2204
L1: COILCRAFT XAL1010-472MEB
500kHz
1MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9
10
90
91
92
93
94
95
96
97
98
99
100
0.1µF
4.7µF
100µF
GaN FET
G1
GaN FET
G2
L1
3.
1µH
5.6Ω
2Ω
0.1µF
100µF
BST
TGP
TGN
SW
BGP
BGN
GND
VCC
INB
INT
VCC
SW
TOP SIDE INPUT: INT
BOTTOM SIDE INPUT: INB
VIN
48V
VCC
5V
VOUT
12V 20A
LT8418
500kHz PWM
G1, G2: EPC EPC2204
L1: WURTH 7443630310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com