Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4444 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4444
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4444 Datasheet(HTML) 3 Page - Analog Devices

  LTC4444 Datasheet HTML 1Page - Analog Devices LTC4444 Datasheet HTML 2Page - Analog Devices LTC4444 Datasheet HTML 3Page - Analog Devices LTC4444 Datasheet HTML 4Page - Analog Devices LTC4444 Datasheet HTML 5Page - Analog Devices LTC4444 Datasheet HTML 6Page - Analog Devices LTC4444 Datasheet HTML 7Page - Analog Devices LTC4444 Datasheet HTML 8Page - Analog Devices LTC4444 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
3 of 19
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = 25°C1, VCC = VBST = 5V, VGND = VSW = 0V; TGP and TGN are connected; BGP and BGN are connected)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Supply Voltage and Current
VCC Operating Voltage
Range
VCC
3.85
5.5
V
VCC Quiescent Current
IQ_VCC
INT = INB = 0V
250
µA
VCC Operating Current
IVCC
FSW = 400kHz
2.4
mA
BST Quiescent Current
IQ _BST
INT = INB = 0V
80
µA
BST Operating Current
IBST
FSW = 400kHz
1.0
mA
Undervoltage, Overvoltage Protections
VCC UVLO Threshold
VUVLO_VCC
Falling
3.14
3.35
3.67
V
VCC UVLO Hysteresis
VUVLO_HYST_VCC
0.2
V
VCC OVLO Threshold
VOVLO_VCC
Rising
5.58
6.0
6.53
V
VCC OVLO Hysteresis
VOVLO_HYST_VCC
0.2
V
BST UVLO Threshold
VUVLO_BST
Falling
2.9
3.1
3.35
V
BST UVLO Hysteresis
VUVLO_HYST_BST
0.25
V
Input Pins
INT, INB Input Turn-
On Threshold
VON_INT
VON_INB
Rising
1.4
1.9
2.4
V
INT, INB Input
Hysteresis
VHYST_INT
VHYST_INB
0.4
V
INT, INB Input
Resistance to Ground
RINT
RINB
200
kΩ
Bootstrap Switch
BST Switch Forward
Drop at Low Refresh
Current
VF_BST
IVCC-BST= 100 µA
1
10
mV
BST Switch Forward
Drop at High Refresh
Current
VF_BST
IVCC-BST= 100 mA
0.6
1
V
BST Switch Dynamic
On-Resistance
RBST
IVCC-BST= 100 mA
6
Ω
Gate Drivers
TG Driver RON
Gate Pull-Up
Gate Pull-Down
RTG_UP
RTG_DW
V(BST-SW) = 5V
0.6
0.2
Ω
Ω
BG Driver RON
Gate Pull-Up
Gate Pull-Down
RBG_UP
RBG_DW
VCC = 5V
0.6
0.2
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com