Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7216HS/C1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7216HS/C1
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7216HS/C1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7216HS/C1 Datasheet HTML 6Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 7Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 8Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 9Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 13Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Aug 25
10
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
4
HARDWARE
4.1
IC list
Table 1
Description of system ICs
4.2
Main board
4.2.1
SAA7219
The SAA7219 (TMIPS) is a CPU for MPEG2 stream
transport; it includes a MIPS R3000 microcontroller core
and several peripheral interfaces such as UARTs, I2C-bus
units, an IEEE 1394, and an IEEE 1284 (Centronics)
interface.
The SAA7219 receives transport streams through a
versatile stream input interface capable of handling both
byte-parallel and bit-serial streams, in various formats,
supporting data streams up to and including 13.5 Mbytes/s
(108 Mbits/s). The stream data is first applied to an on-chip
descrambler incorporating DVB descrambling algorithms,
on the basis of 6 control word pairs stored in on-chip RAM.
Demultiplexing is subsequently applied to the stream, to
separate up to 40 individual data streams.
The demultiplexer section includes clock recovery and
timebase management.
Program Specific Information (PSI), Service
Information (SI), Conditional Access (CA) messages and
private data is selected and stored in external memory, for
subsequent off-line processing by the internal R3000
microcontroller core.
4.2.2
SAA7215
Table 2
SAA7215 family
The SAA7215 is a MPEG2 source decoder which
combines audio decoding and video decoding.
Additionally to these basic MPEG functions it also provides
means for enhanced graphics, background display and/or
on-screen display as well as encoding of output video.
Due to an optimized architecture for audio and video
decoding, maximum capacity in external memory and
processing power from the external CPU is available for
graphic support.
4.3
Front-end
The front-end allows reception of channels transmitted by
satellite received via a satellite dish in combination with a
LNB. The outdoor unit can be controlled with:
• OFF/14 V/18 V pouring for polarisation steering
• 22 kHz tone switching control for band switching
• Digital Satellite Equipment Control (DiSEqC) V1.0.
4.4
Front panel
4.4.1
LNB INTERFACE
Master transmitter DiSEqC control is provided and 14/18 V
switching is routed through the digital board to the
front-end utility connector. The possibility to disable the
DiSEqC on the front panel, allows for the next generation
QPSK front-end which will have DiSEqC control.
4.4.2
IR
The on-board microcontroller decodes the IR commands
in RC5/6 format and relays via the serial link to the
SAA7219.
4.4.3
KEYS
STANDBY, UP, DOWN, LEFT, RIGHT, OK and MENU
4.4.4
SCART CONTROL
Pin 8 control as per the SCART specification for 16
× 9
and 4
× 3.
HARDWARE
DESCRIPTION
Channel module
SD1288MK2
tuner
TDA8044
satellite demodulator and decoder
Front panel board
87C524
microprocessor
Main board
SAA7219
descrambler; demultiplexer and MIPS
core
SAA7215
audio; video; graphics and digital
encoder
PDI1394L11
link and physical layer of 1394
PDI1394P11
link and physical layer of 1394
UDA1320
audio DAC
TDA8004
smart card interface
TYPE NUMBER
MACROVISION
SECAM
SAA7215HS/C2
no
no
SAA7216HS/C1
yes
no
SAA7221HS/C1
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com