Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7216HS/C1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SAA7216HS/C1
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7216HS/C1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SAA7216HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 13Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 14Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 15Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 16Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 17Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1999 Aug 25
14
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
5.5.4
FEATURE DEMONSTRATION MENU
Table 6
Screens highlighting the main features of the Philips SAA7219/SAA7215 chip-set
SCREEN
FEATURE
Audio
Audio routing and
dual channel
audio routing options: mono, stereo, LL and RR; dual channel options: channels 1 and 2, both
(1-L and 2-R)
Mute
sound muted
Balance
control via a text box for left/right balance
Beep
control of the volume, frequency and duration; the beep can then be heard
LPCM demonstration
Show the possibility of decoding Linear Pulse Code Modulated (LPCM) audio samples. This
besides the decoding of normal MPEG audio although both cannot be not done at the same
time. This feature is for example used to play uploaded audio samples.
A command is given when the audio and video decoding is running. This command will start
the demonstration. The function itself will play about 1 second of LPCM audio and will
continue with normal MPEG audio and video decoding afterwards.
IEEE 1394
IEEE 1394 disable
I/O of IEEE 1394 traffic can be disabled; IEEE 1394 will carry on relaying any IEEE 1394
between the two IEEE 1394 ports; also choose between input/output of data into systems
Smart card
Smart card
a service scrambled using the default keyword will be descrambled upon insertion of a smart
card which contains authorization to use the default keyword
PC download
PC download
When selected, the MPEG board will wait for the download of a BMP picture, via the
IEEE 1284 port. Upon completion of the download the picture will be displayed, the progress
of the download is also displayed.
MIPS performance
MIPS performance
this will show the MIPS performance in drystones under the current setup
Block copy
To show a fast block copy, a bit map picture is copied across the screen. This function is also
supported in HW but handling this in SW makes the function more flexible. The actual copying
is executed in the SAA7215 HW by the DMU. SW however has to upload the picture, initialize
and start the DMU with correct parameters. The cost however compared to the HW tiling is
processor and memory use.
Graphics
Text and drawings
a combination of different fonts and line drawings to demonstrate colour depth and resolution
capabilities
Fast transfer
fast transfer feature; via IEEE 1284
Planes demo
demonstration of the different graphics layers, by displaying quarter screen video over a
MPEG I frame background with superimposed text and cursor
Fade
combination of video and graphic layers showing fading in and out of the graphics layer
Tiling
one smaller picture is displayed multiple times in a user selectable rectangle
Hard-edge wiping
two pictures in one plane, overlapping each other where the user can move and select the
pictures
Soft-edge wiping
two user selectable and movable pictures in two planes, with transparency in the pictures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com