Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7221HS/C1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7221HS/C1
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS/C1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7221HS/C1 Datasheet HTML 7Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 8Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 9Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 13Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 14Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Aug 25
11
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
Pin 16 control as per SCART specification for RGB fast
blanking (in this case used to switch between RGB and
composite).
4.5
Memory
4.5.1
NON-VOLATILE MEMORY (NVM)
A 32-kbyte NVM is implemented with an EEPROM
connected to the I2C-bus to allow for channel data storage,
etc.
4.5.2
DRAM
2 Mbytes (1M
× 16); 60 ns fast or hyper-page mode.
4.5.3
BOOT ROM
256 kbytes (256 kbytes
× 8) to allow for ROM boot up and
also to provide ROM emulation.
4.5.4
FLASH
2 Mbytes [2
× (512K × 16)]; this can be is upgraded to
4 Mbytes [2
× (1M × 16)].
Two flash banks are needed to allow code to be run from
one bank while writing to the other.
4.5.5
VIDEO AND GRAPHICS RAM
4 Mbytes SDRAM [2
× (1M × 16)] at 81 MHz.
4.5.6
MEMORY OPTIONS
Surface mount links can select memory configuration.
Remark: the boot CS is selectable between boot ROM and
flash.
4.6
Connectors
Table 3
The main board connectors
CONNECTOR
DESCRIPTION
Optical SPDIF
a SPDIF signal from the SAA7215 is brought out via an optical output connector
SPDIF
to allow connection of the Philips SAA2505 AC3/MPEG7.1 surround sound
SCART
1 standard SCART, audio/video output signals only
3 phonos (RCAs)
CVBS, right audio and left audio
SVHS
the Y/C output from the SAA7215 is brought out to a standard SVHS connector
CCIR 656 connector
a connector to the CCIR 656 YUV output from the SAA7215
JTAG
a standard JTAG connector for boundary scan testing
DEBUG socket
two 64 pins DIN connectors form the debug socket allowing connection to a ROM emulator via
a debug interface board (not included)
RS232
an additional RS232-C (
±12 V) interface to provide a board connector for debug use; one half
of a suitable RS232 driver chip will be used for signal level conversion
IEEE 1394
the Philips PDI1394L11 and PDI1394P11 is implemented to provide half-duplex 1394 access
from the SAA7219; under isolation mode the power for the physical IC will be taken from the
bus via the switching regulator; the option between isolated and non-isolated is selectable via
option links; two 1394 connectors are available on the back panel
IEEE 1294
subject to Electro-Static Discharge (ESD), standard logic are implemented as buffers to
provide 1284 to a 25-way D-type female connector on the back panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com