Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7221HS/C1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7221HS/C1
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS/C1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7221HS/C1 Datasheet HTML 9Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 13Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 14Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 15Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 16Page - NXP Semiconductors SAA7221HS/C1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1999 Aug 25
13
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
5.5
Application layer
This layer has been limited only to demonstrate the
possibilities that can be implemented at the application
layer.
5.5.1
TOP LEVEL MENU
Main menu options:
• Installation menu
• Tuning menu
• Feature demonstration menu.
5.5.2
INSTALLATION MENU
The installation menu is used to select the board
configuration options. The selected options are stored to
NVM.
Table 4
Board configuration options
Note
1. With non-DiSEqC LNBs the control is simply by
14/18 V switching for polarity and in the case of a dual
band the use of 22 kHz signal (no modulation)
selecting the high band. With DiSEqC LNBs the
control is by sending DiSEqC commands via
modulation in the 22 kHz signal, (this means DiSEqC
level 1).
5.5.3
TUNING MENU
5.5.3.1
Transponder setup
The transponder can be setup automatically or manually.
Selecting the automatic option gives the user the
possibility to sweep the band over a particular frequency
range at all symbol rates. All transponders found will be
logged and stored to NVM. The sweep can be started by
pressing the start button via the user controls.
Selecting the automatic network option will give the user
the possibility to sweep the band over a particular
frequency range at a user defined symbol rate.
The Network Information Table (NIT) from the first
transponder found will be read and the services known in
this NIT table will be logged and stored to NVM.
Table 5
Program setup
Selecting the manual option provides the user with the
ability to enter additional transponder data or to adjust
transponders found with an auto setup. To add a
transponder the correct frequency, symbol rate,
polarisation and Forward Error Correction (FEC) rate are
required.
ITEM
CONFIGURATION OPTION
LNB setup
on/off DiSeqC LNB and single or dual
band; note 1
Video standard PAL or NTSC; default PAL
SCART
pin 16 control (RGB or composite
video signalled)
Display
allows selection of 16 : 9 or 4 : 3
TV screen
ITEM
OPERATION
Source
The source of the transport stream can be
selected between tuner and stream server. In
tuner mode the ability to change the selected
transponder is available.
Listing
Shows the current transport stream and the
possible audio PIDS for the selected service.
The service can be selected and the audio
PID chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com