Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDC Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # IDC
Description  Multiple IDC interface modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

IDC Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  IDC Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
158
INTERFACE
MODULES AND
RELAY BASES
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
159
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
INTERFACE MODULES & RELAY BA SES
RELAY BA SES
INTERFACE MODULES
FM 28614
Multiple IDC int erf ac e modules
Pr oduct o v ervie w
• Three IDC dual row headers to screw terminals
• Long ejector latches for strain relief sockets
• 35mm DIN Rail mounting
• Option for 32mm (G) rail mounting
• 45° terminals for easy access
• RoHS compliant
• SVHC free (2012)
• Optional wall mounting plates are available
(CIME/M/MPR)
SPECIFICATION
Rating
50V DC 100mA
Cable entry
0.2-4mm2 (30-12 AWG)
Terminal screw
M3
Strip length
6mm (0.24” )
Max terminal torque
0.5Nm (4lb-in)
Dimensions:
Height
Width
Length
CIM/101416W-IDCS
56mm (2.20”)
83mm (3.27”)
46mm (1.81”)
CIM/202426W-IDCS
56mm (2.20”)
83mm (3.27”)
80mm (3.15”)
CIM/303440W-IDCS
56mm (2.20”)
83mm (3.27”)
114mm (4.49”)
CIM/506064W-IDCS
56mm (2.20”)
83mm (3.27”)
170mm (6.69”)
IDCS
PART NO.
DESCRIPTION
CIM/101416W-IDCS
10, 14 and 16 way IDC to screw terminal interface. 35 mm Din Rail mount
CIM/202426W-IDCS
20, 24 and 26 way IDC to screw terminal interface. 35 mm Din Rail mount
CIM/303440W-IDCS
30, 34 and 40 way IDC to screw terminal interface. 35 mm Din Rail mount
CIM/506064W-IDCS
50, 60 and 64 way IDC to screw terminal interface. 35 mm Din Rail mount
Male and f emale D-c onnect or
int erf ac e modules
Pr oduct o v ervie w
• D Sub male and female to screw terminals
• Terminals marked 1 2 3 etc (+ shield)
• Separate shield connection
• 35mm DIN Rail mounting
• Option for 32mm (G) rail mounting
• 45° terminals for easy access
• RoHS compliant
• SVHC free (2012)
• Optional wall mounting plates are available
(CIME/M/MPR)
SPECIFICATION
Rating
50V DC 100mA
Cable entry
0.2-4mm2 (30-12 AWG)
Terminal screw
M3
Strip length
6mm (0.24” )
Max terminal torque
0.5Nm (4lb-in)
Dimensions:
Height
Width
Length
CIM/9W-DMFS
39mm (1.54”)
83mm (3.27”)
35mm (1.38”)
CIM/15W-DMFS
39mm (1.54”)
83mm (3.27”)
58mm (2.28”)
CIM/25W-DMFS
39mm (1.54”)
83mm (3.27”)
78mm (3.07”)
CIM/37W-DMFS
39mm (1.54”)
83mm (3.27”)
114mm (4.49”)
CIM/50W-DMFS
39mm (1.54”)
83mm (3.27”)
136mm (5.36”)
DMFS
PART NO.
DESCRIPTION
CIM/9W-DMFS
9 way male and female D Sub screw terminal interface. 35 mm Din Rail mounting
CIM/15W-DMFS
15 way male and female D Sub screw terminal interface. 35 mm Din Rail mounting
CIM/25W-DMFS
25 way male and female D Sub screw terminal interface. 35 mm Din Rail mounting
CIM/37W-DMFS
37 way male and female D Sub screw terminal interface. 35 mm Din Rail mounting
CIM/50W-DMFS
50 way male and female D Sub screw terminal interface. 35 mm Din Rail mounting
A S SOCIATED PRODUCT S
CIME/M/MPR
- Wall mount pla t es
page 168


Similar Part No. - IDC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IDC-15 MACOM-IDC-15 Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
IDC-15A MACOM-IDC-15A Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
IDC-15E MACOM-IDC-15E Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
IDC-15F MACOM-IDC-15F Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
IDC-15H MACOM-IDC-15H Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
More results

Similar Description - IDC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
TALEMA Group. LLC
ISM-100C1-000 TALEMA-ISM-100C1-000 Datasheet
25Kb / 1P
DIL Interface Modules
MAJ-400A-000 TALEMA-MAJ-400A-000 Datasheet
44Kb / 1P
Compact SMD Interface Modules
MHJ-200B1-000 TALEMA-MHJ-200B1-000 Datasheet
44Kb / 1P
3kV Interface Transformer Modules
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
Multiple Input and Output Modules
logo
Molex Electronics Ltd.
39170-1014 MOLEX-39170-1014 Datasheet
190Kb / 2P
Interface Modules
logo
Advantech Co., Ltd.
ARK-3380 ADVANTECH-ARK-3380 Datasheet
429Kb / 2P
Multiple Video Interface, Compact System
logo
Tyco Electronics
OAC-5H MACOM-OAC-5H Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com