Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP9558/2AO Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP9558/2AO
Description  7.62mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP9558/2AO Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP9558/2AO Datasheet HTML 1Page - CamdenBoss Ltd. CTBP9558/2AO Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
70
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
SCREWLES S
S TANDARD
PL UGGABLES
PL UGGABLES
PCB TERMINAL
BLOCKS
0 02
7.62mm pit ch pluggable rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2-12 pole solid block
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA66
• Cable acceptance - 0.32 to 1.6mm2 (28-14AWG) solid
and stranded cable
• Pluggable male and female connectors
• Open and closed headers
• Horizontal female plug style
• Polarised mouldings
• Anti solder wicking
• Captive screws and guided pin alignment
• C
US ,
approved
PART NO.
POLES
LENG TH
CTBP9408/2
2
13.2mm
CTBP9408/3
3
20.9mm
CTBP9408/4
4
28.5mm
CTBP9408/5
5
36.1mm
CTBP9408/6
6
43.7mm
CTBP9408/7
7
51.3mm
CTBP9408/8
8
59mm
CTBP9408/9
9
66.6mm
CTBP9408/10
10
74.2mm
CTBP9408/11
11
81.8mm
CTBP9408/12
12
89.4mm
CTBP9408
PART NO.
POLES
LENG TH
CTBP9508/2
2
15.2mm
CTBP9508/3
3
22.8mm
CTBP9508/4
4
30.4mm
CTBP9508/5
5
38.1mm
CTBP9508/6
6
45.7mm
CTBP9508/7
7
53.3mm
CTBP9508/8
8
60.9mm
CTBP9508/9
9
68.6mm
CTBP9508/10
10
76.2mm
CTBP9508/11
11
83.8mm
CTBP9508/12
12
91.4mm
CTBP9508
PART NO.
POLES
LENG TH
CTBP9558/2
2
15.2mm
CTBP9558/3
3
22.8mm
CTBP9558/4
4
30.4mm
CTBP9558/5
5
38.1mm
CTBP9558/6
6
45.7mm
CTBP9558/7
7
53.3mm
CTBP9558/8
8
60.2mm
CTBP9558/9
9
68.5mm
CTBP9558/10
10
76.2mm
CTBP9558/11
11
83.8mm
CTBP9558/12
12
91.4mm
CTBP9558
SPECIFICATION
Rating
UL=15A/300V, VDE=20A/450V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M3 steel, zinc plated 0.5Nm
Recommended PCB hole size
ø1.7mm
7.62
7.62
8.5
3.9
7.8
1
7.62
8.5
4
7.8
1
F emale c onnect or
PCB mounting male v ertical c onnect or ( closed ended)
PCB mounting male horiz ontal c onnect or ( closed ended)


Similar Part No. - CTBP9558/2AO

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP9558/2AO CAMDENBOSS-CTBP9558/2AO Datasheet
747Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9558/2AO CAMDENBOSS-CTBP9558/2AO Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results

Similar Description - CTBP9558/2AO

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92HD CAMDENBOSS-CTBP92HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VD CAMDENBOSS-CTBP92VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VE CAMDENBOSS-CTBP92VE Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP93HD CAMDENBOSS-CTBP93HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VE CAMDENBOSS-CTBP93VE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9408 CAMDENBOSS-CTBP9408 Datasheet
747Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9550 CAMDENBOSS-CTBP9550 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com