Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN3 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # VN3
Description  Max. load 3,000N (push/pull)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

VN3 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  VN3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Standard Dimensions
(mm)
Drawing
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
24V DC
With Load
24V DC
No Load
24V DC
With Load
24V DC
Motor Speed (5600RPM, Duty Cycle 10%)
B
3000
3000
3000
≤0.4
≤3.2
6.8
3.5
CODE
Load (N)
Max Stroke (mm)
B
3000
500
Note
1 Please refer to the approved drawing for the final authentic value.
2 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
3 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
4 The current & speed in table are tested when the actuator is extending under push load.
5 The current & speed in table and diagram are tested with a stable 24V DC power supply.
6 Without load, noise level ≤ 65dBA (by TiMOTION test standard, background noise level ≤ 36dBA)
7 Standard stroke: Min. ≥ 20mm, Max. please refer to below table.
Retracted Length
17
27.6
ø10.2
ø10.2
43
13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com