Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN3 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # VN3
Description  Max. load 3,000N (push/pull)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

VN3 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  VN3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
VN3
series
The VN3 series linear actuator is specifically designed for ventilation
applications to help quickly remove smoke, heat, and toxic gases from
buildings in the event of a fire. It is also engineered to support a reduced
smoke layer in the lower parts of a room. The VN3 is constructed with high-
quality aluminum, making it ideal for applications like fall-through protection
systems and greenhouses. The VN3 has a higher load capacity than the VN2,
and is currently equipped with either a 12V or 24V DC motor.
General Features
Max. load
3,000N (push/pull)
Max. speed at max. load
3.5mm/s
Max. speed at no load
6.8mm/s
Retracted length
≥ Stroke + 248mm
IP rating
IP66
Stroke
20~500mm
Output signals
Hall sensors
Options
Safety nut
Voltage
12/24V DC; 12/24V DC (thermal switch)
Operational temperature range
-20°C~+65°C
Operational temperature range
+5°C~+45°C
at full performance
Product Segments
• Industrial Motion


Similar Part No. - VN3

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VN30AB NJSEMI-VN30AB Datasheet
122Kb / 2P
N-Channel Enhancement-mode Vertical Power MOSFET
logo
STMicroelectronics
VN30N STMICROELECTRONICS-VN30N Datasheet
175Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN30N011Y STMICROELECTRONICS-VN30N011Y Datasheet
175Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN30N012Y STMICROELECTRONICS-VN30N012Y Datasheet
175Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
More results

Similar Description - VN3

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com