Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C150AFT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P82C150AFT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AFT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P82C150AFT Datasheet HTML 13Page - NXP Semiconductors P82C150AFT Datasheet HTML 14Page - NXP Semiconductors P82C150AFT Datasheet HTML 15Page - NXP Semiconductors P82C150AFT Datasheet HTML 16Page - NXP Semiconductors P82C150AFT Datasheet HTML 17Page - NXP Semiconductors P82C150AFT Datasheet HTML 18Page - NXP Semiconductors P82C150AFT Datasheet HTML 19Page - NXP Semiconductors P82C150AFT Datasheet HTML 20Page - NXP Semiconductors P82C150AFT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1996 Jun 19
17
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
7.3.4
CAN-BUS MODES
The P82C150 can pass through four CAN-bus modes
under certain conditions (see Fig.8). In the bus modes
0 to 2 (see Table 10) the P82C150 is operating with
different input comparator configurations. Bus mode 3 is
the power reduced Sleep Mode.
The bus modes support:
• Communication on two balanced wires (differential
system)
• Communication on one wire in a two-wire differential
system
• Sleep Mode with wake-up via either a dominant signal
on RX0 or RX1 input
• Connection of a second transmission medium
(redundancy)
There are two possibilities for condition 1 to switch to the
next mode (see Fig.8):
• Overflow of the bit counter when 8192 is reached since
the last calibration message
• Overflow of the Transmit Error Counter (>255; bus-off
limit reached).
When the bus mode changes, all I/O Registers are cleared
and outputs become floating (OE bits cleared). That
means the I/O ports return to a fail-safe state whenever the
P82C150 looses connection to its host controller. This is a
kind of network watchdog function. The status bits are set
to the following values after a bus mode change:
• RSTD = 1
• EW = 0
• BMnew =BMold +1.
The programmed Identifier bits remain unchanged.
After reset the P82C150 changes directly into bus mode 3
(Sleep Mode). During Sleep Mode, the internal RC
oscillator is stopped, and all the output drivers are disabled
(I/O Register contents cleared). A P82C150 in Sleep Mode
can be woken up via CAN-bus lines (dominant level on
RX0 or RX1) or by a reset condition.
Fig.8 CAN-bus modes and switch-over conditions.
columns
DIFFERENTIAL
MODE
Inputs: RX0, RX1
Outputs: TX0, TX1
'0'
ONE-WIRE
RX1 MODE
Input: RX1
Outputs: TX0, TX1
'1'
'2'
SLEEP
MODE
Inputs: RX0, RX1
Outputs: no
'3'
ONE-WIRE
RX0 MODE
Input: RX0
Output: TX0
Condition 1
Condition 1
Condition 1
Condition 2
MHA070
end of
RESET
Condition 1:
bit counter overflow (>8191) or Transmit Error Counter overflow (>255).
Condition 2:
dominant bit detected on RX0 and RX1.
Table 10 Can-bus modes
Note
1. Output TX1 is disabled in bus mode 2 to tolerate short-circuit between the CAN-bus wires CAN_H and CAN_L.
BUS MODE
BITS
RECEPTION LEVEL
TRANSMISSION
BM1
BM0
RECESSIVE
DOMINANT
TX1
TX0
0 = Differential
0
0
RX0 > RX1
RX0 < RX1
enabled
enabled
1 = One-wire RX1
0
1
RX1 < REF
RX1 > REF
enabled
enabled
2 = One-wire RX0
1
0
RX0 > REF
RX0 < REF
disabled
enabled
3 = Sleep
1
1
RX0 > REF
and
RX1 < REF
RX0 < REF
or
RX1 > REF
disabled
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com