Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C150AFT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P82C150AFT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AFT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P82C150AFT Datasheet HTML 17Page - NXP Semiconductors P82C150AFT Datasheet HTML 18Page - NXP Semiconductors P82C150AFT Datasheet HTML 19Page - NXP Semiconductors P82C150AFT Datasheet HTML 20Page - NXP Semiconductors P82C150AFT Datasheet HTML 21Page - NXP Semiconductors P82C150AFT Datasheet HTML 22Page - NXP Semiconductors P82C150AFT Datasheet HTML 23Page - NXP Semiconductors P82C150AFT Datasheet HTML 24Page - NXP Semiconductors P82C150AFT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1996 Jun 19
21
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
7.5
P82C150 operation after RESET or change of bus mode
Figure 9 illustrates the calibration procedure of the P82C150 after Power-on-reset or after a bus mode change.
andbook, full pagewidth
P82C150 receives calibration
message within 8192 bit times after
wake-up or bus mode change
P82C150 is fine calibrated
and I/O register cleared
bus mode change e.g. due to
missing reception of a calibration
message within 8192 bit times
end of
Power-on-reset
ID bits from P0-P3 latched
I/O registers cleared
P82C150 receives 1st message
(any message)
P82C150 receives 2nd message
(any message), acknowledge not
required but no active error flag allowed
P82C150 waits until bus-off recovery
sequence finished
P82C150 sends 'sign-on' message
P82C150 is roughly calibrated and has
started bus-off recovery sequence
(counting 129 blocks of 11 recessive bits)
Rough calibration verified
P82C150 is on bus and ready to
send after bus-of f sequence finished
Communication with host node possible
MHA080
Fig.9 SLIO operation flow after reset and bus mode change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com