Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC18P Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC18P
Description  Max. output 32V DC, 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC18P Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC18P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC18P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC18P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC18P Ordering Key
TC18P
Version: 20200706-B
Plug
1 = EU
2 = US
3 = AU
4 = UK
5 = JP
Transformer
Cable Length (mm)
R = SPM-120T (32V/4.0A, 0.1W standby power, quick start, 100-240V)
1 = Straight, 1500
2 = Straight, 2000
3 = Straight, 4000
Color
1 = Black
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com