Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC18P Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TC18P Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TC18P
Download  TC18P Download
File Size   193.23 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 10A

TC18P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC18P Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TC18P
Download  TC18P Click to download

File Size   193.23 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 10A

TC18P Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TC18P Product details

General Features
Number of motors 2
Max. output 32V DC, 10A
Options Supports t-touch/Bluetooth built-in,
charging accessory
Built-in transformer type SMPS
Plug support EU, USA, AUS, UK, or JPN
Color Black
0.1W standby power consumption
Compact design for height adjustable desks




Similar Part No. - TC18P

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
TC18 PETERMANN-TC18 Datasheet
26Kb / 2P
HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -1.0 PPM
logo
Topstek Inc.
TC18.5A4V TOPSTEK-TC18.5A4V Datasheet
154Kb / 4P
Topstek Current Transducer
logo
Lite-On Technology Corp...
TC1800H LITEON-TC1800H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Transcom, Inc.
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
5W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
5W High Linearity and High Efficiency GaAs Power FETs
More results


Similar Description - TC18P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com