Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC22 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TC22 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TC22
Download  TC22 Download
File Size   218.47 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 12A

TC22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC22 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TC22
Download  TC22 Click to download

File Size   218.47 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 12A

TC22 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TC22 Product details

General Features
Number of motors 1~4
Number of controls 1~2
Max. output 32V DC, 12A
Back-up battery External battery
Options Supports t-touch/bluetooth built-in and
charging accessory
Built-in transformer type SMPS
Plug support EU, US, AU, UK, or JP
Color Black
Operational temperature range +5°C~+45°C
0.1W standby power consumption
Compact design for height adjustable desks




Similar Part No. - TC22

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
Low power switching power supply controller
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
Toroid Chokes
TC220-100L-RC ALLIED-TC220-100L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-101L-RC ALLIED-TC220-101L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-102L-RC ALLIED-TC220-102L-RC Datasheet
1Mb / 1P
Toroid Chokes
More results


Similar Description - TC22

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com