Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC15 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TC15 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TC15
Download  TC15 Download
File Size   214.71 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 10A

TC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC15 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TC15
Download  TC15 Click to download

File Size   214.71 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 10A

TC15 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TC15 Product details

General Features
Number of motors 2
Max. output 32V DC, 10A
Built-in transformer type SMPS
Plug support EU, USA, AUS, UK, or JPN
Certificate UL508, SAA, C-Tick
Color Black
Operational temperature range +5°C~+45°C
0.1W standby power consumption
Compact design for height adjustable desks




Similar Part No. - TC15

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
TC15 LAB WAVELENGTH-TC15 LAB Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
logo
Kingbright Corporation
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11SRWA KINGBRIGHT-TC15-11SRWA Datasheet
212Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11YWA KINGBRIGHT-TC15-11YWA Datasheet
214Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
More results


Similar Description - TC15

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com