Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2B Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TC2B Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TC2B
Download  TC2B Download
File Size   312.86 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 6.25A

TC2B Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2B Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TC2B
Download  TC2B Click to download

File Size   312.86 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 32V DC, 6.25A

TC2B Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TC2B Product details

General Features
Number of motors 1~3
Max. output 32V DC, 6.25A
Input Voltage 100, 120, 230V AC, or 100~240V AC
(SMPS)
Built-in transformer type SMPS
Certificate EMC
Plug support EU, USA, AUS, UK, or JPN
Color Black or grey
Over current protection




Similar Part No. - TC2B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC2 TRUMPOWER-TC2 Datasheet
23Kb / 1P
DC/DC CONVERTERS
logo
Mini-Circuits
TC2-112G2 MINI-TC2-112G2 Datasheet
247Kb / 1P
RF Transformer
TC2-112G2+ MINI-TC2-112G2+ Datasheet
247Kb / 1P
RF Transformer
TC2-1T MINI-TC2-1T Datasheet
326Kb / 1P
RF Transformer
TC2-1T+ MINI-TC2-1T+ Datasheet
326Kb / 1P
RF Transformer
More results


Similar Description - TC2B

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com