Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC21 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC21
Description  Input voltage 100-240V AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC21 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC21 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC21 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC21 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC21 Ordering Key
TC21
Version: 20231016-K
Transformer
AC Plug Angle
AC Cable Length (mm)
Number of Actuators
Color
7 = SPM-72MA; rated output current 8A
9 = SPM-120MA; rated output current 10A
M = SPM-120MB; rated output current 10A. With Harmonic solution
R = SPM-120MC; maximum output current 10A. EMC upgrade
1 = 90°
2 = 180°
0 = Without
3 = Straight, 2000
4 = Straight, 4000
1 = 1
2 = 2
3 = 3
4 = 4
5 = 5
1 = Black
2 = Grey (Pantone 428C)
Input Voltage
AC Plug
4 = 100~240V AC
1 = EU
2 = US
3 = AU
4 = UK
5 = JP
MCU
AC Female Plug Angle
Cord Buckle
Number of Controls
Fixation
Buzzer
IP Rating
Channel for TBB
Cover Lock
Grounding
0 = Without
1 = With
1 = 90°
0 = Without
1 = With
1 = 1
2 = 2
1 = On the bed frame
4 = On the actuator (TA1)
6 = On the actuator (TA7)
7 = On the actuator (TA23)
8 = On the actuator (TA31)
0 = Without
1 = With
0 = Without
1 = IP54
2 = IP66
3 = IP66W
0 = Without
1 = With
1 = “––” type
0 = Without
3 = On AC cable
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com