Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC21 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC21
Description  Input voltage 100-240V AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC21 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC21 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC21 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC21 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
General Features
Number of motors
1~5
Number of controls
1~2
Max. output
32V DC, 10A
IP rating
IP66W
Input voltage
100-240V AC
Built-in transformer type
SMPS
Certificate
IEC60601-1, IEC60601-1-2
Color
Black or grey
Operational temperature range
+5°C~+45°C
Compatible with TRF2- wireless receiver, TRL-reading light, or TBL- bed bottom light
Product Segments
• Care Motion
TC21
series


Similar Part No. - TC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC210 TI-TC210 Datasheet
195Kb / 13P
192- x 165-PIXEL CCD IMAGE SENSOR
logo
Allied Components Inter...
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
More results

Similar Description - TC21

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
AC Input 100-277Vac
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
Input voltage 100~240V AC
20230919-J
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
Input voltage 100~240V AC
20170607-A
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
Input voltage 100~240V AC
20231219-E
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
Input voltage 100~240V AC
20211013-B
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
Input voltage 100~240V AC
20220209-F
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
Input voltage 100~240V AC
20200603-D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com