Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC8 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC8
Description  Includes 3 modules: control unit, power supply, and battery
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC8 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC8 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC8 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC8 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TC8 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TC8 Ordering Key
TC8
Version: 20170209-F
Handset Input
1 = 1
2 = 2
3 = 3
Number of Actuators
IP Rating
1 = 1
2 = 2
3 = 3
4 = 4
5 = 5
6 = 6
7 = 7
1 = Without
2 = IP54
3 = IP66
Power Input
24V Stable Output (Max.
Support 6 Actuators)
0 = Without
1 = With
0 = Without
1 = With
TBB Input
Color
Fixed Hole with
Brass Nut Insert
See page 4
0 = Without
1 = With ( It has to use lead–acid battery which has charging management, e.g. TBB)
1 = Black
2 = Grey (Pantone 428C)
1 = With



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com