Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC8 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC8
Description  Includes 3 modules: control unit, power supply, and battery
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC8 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC8 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC8 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC8 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TC8 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
General Features
Number of motors
1~7
Number of controls
1~3
IP rating
IP66
Certificate
IEC60601-1; EN60601-1-2
Color
Black or grey
Includes 3 modules: control unit, power supply, and battery
T-BUS protocol available; compatible with various accessories of TiMOTION
Product Segments
• Care Motion
TC8
series


Similar Part No. - TC8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC8 FUMAN-TC8 Datasheet
293Kb / 33P
16Pin infrared remote control IC
logo
France Joint
TC8 FRANCEJOINT-TC8 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
logo
Mini-Circuits
TC8-1 MINI-TC8-1 Datasheet
317Kb / 1P
RF Transformer
TC8-1+ MINI-TC8-1+ Datasheet
317Kb / 1P
RF Transformer
logo
Tumbler Technologies + ...
TC8-13S242.5R TRUMPOWER-TC8-13S242.5R Datasheet
27Kb / 1P
DC/DC CONVERTERS 2:1 Input, 12.5 to 20 Watt
More results

Similar Description - TC8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
logo
NXP Semiconductors
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
Battery power unit
2000 Jun 08
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
ON Semiconductor
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
Festo Corporation.
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
100035 PHOENIX-100035 Datasheet
767Kb / 11P
3-Phase Primary-Switched Power Supply Unit
12/2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com