Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83CL882 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 35Page - NXP Semiconductors P83CL882 Datasheet HTML 36Page - NXP Semiconductors P83CL882 Datasheet HTML 37Page - NXP Semiconductors P83CL882 Datasheet HTML 38Page - NXP Semiconductors P83CL882 Datasheet HTML 39Page - NXP Semiconductors P83CL882 Datasheet HTML 40Page - NXP Semiconductors P83CL882 Datasheet HTML 41Page - NXP Semiconductors P83CL882 Datasheet HTML 42Page - NXP Semiconductors P83CL882 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
2001 Jun 19
39
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.6.2
TIMER 2 MODES IN GENERAL
Timer 2 can operate in three different modes:
• Capture mode
• Auto-reload mode
• Clock output mode.
In these three modes the timer/counter operates on events
detected on inputs T2 and T2EX.
Table 52 shows the list of T2CON and T2MOD register bits
which set the Timer 2 mode of operation.
Sections 6.6.3 to 6.6.5 describe the Timer 2 modes.
Table 52 Timer 2 modes
6.6.3
CAPTURE MODE
In the Capture mode, registers T2RCH/T2RCL are used to
capture the T2H/T2L register data.
There are two options selected by the T2CON.EXEN2 bit.
This bit enables or disables the events of the external
trigger input T2EX.
• T2CON.C/T2 = 1: Timer 2 is a 16-bit counter. The
counter increments at each LOW-to-HIGH transition on
input T2 at a maximum rate of one each 12 fpsc cycles.
• T2CON.C/T2 = 0: Timer 2 is a 16-bit timer. The timer
increments each 6 fPSC cycles.
• T2CON.EXEN2 = 1: The external trigger input T2EX is
enabled. Timer 2 is a 16-bit timer or counter.
– If T2MOD.DCEN = 0, a HIGH-to-LOW transition at
input T2EX causes the current Timer 2 value
(T2H/T2L data) to be captured into T2RCH/T2RCL,
and bit T2CON.EXF2 becomes set.
– If T2MOD.DCEN = 1, bit T2CON.EXEN2 has no
influence. Overflowing of Timer 2 sets bit
T2CON.TF2.
• T2CON.EXEN2 = 0: The external trigger input T2EX is
disabled. Timer 2 is a 16-bit timer or counter. The T2EX
input is ignored. Overflowing of Timer 2 sets bit
T2CON.TF2.
The Capture mode is shown in Fig.19.
CP/RL2 C/T2OE
C/T2
OPERATING MODE
0
0
X
16-bit auto-reload
1
0
X
16-bit capture
0
1
0
clock output
handbook, full pagewidth
MBH998
TL2
(8 BITS)
COMPARATOR 1
(16 BITS)
TR2
control
TH2
(8 BITS)
COMP2L
COMP2H
ECOMP
RCAP2L
RCAP2H
EXF2
TF2
COMP
Timer 2
interrupt
port
P1.2
EXEN2
control
C/T2 = 1
T2 pin
6
OSC
transition
detector
T2EX pin
C/T2 = 0
capture
Fig.19 Timer 2 in Capture mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com