Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT/AY Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF85063AT/AY
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AY Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF85063AT/AY Datasheet HTML 21Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 22Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 23Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 24Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 25Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 26Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 27Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 28Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
The generation of interrupts from the alarm function is controlled via bit AIE. If bit AIE is enabled, the INT pin
follows the condition of bit AF. AF remains set until cleared by command. Once AF has been cleared, it will only
be set again when the time increments to match the alarm condition once more. Alarm registers which have
their AEN_x bit at logic 1 are ignored.
aaa-004433
SECOND ALARM
SECOND TIME
AEN_S
1
0
AEN_S = 1
example
=
MINUTE ALARM
MINUTE TIME
AEN_M
=
HOUR ALARM
HOUR TIME
AEN_H
set alarm flag AF (1)
=
DAY ALARM
DAY TIME
AEN_D
=
WEEKDAY ALARM
WEEKDAY TIME
AEN_W
=
check now signal
1. Only when all enabled alarm settings are matching.
It is only on increment to a matched case that the alarm flag is set.
Figure 16. Alarm function block diagram
7.6 Timer registers
The 8-bit countdown timer at address 10h is controlled by the register Timer_mode at address 11h.
7.6.1 Register Timer_value
Bit
Symbol
Value
Description
7 to 0
T[7:0]
0h[1] to
FFh
countdown timer value[2]
Table 33. Timer_value - timer value register (address 10h) bit description
[1]
Default value.
[2]
Countdown period in seconds:
where T is the countdown value.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
25 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com