Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT/AY Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF85063AT/AY
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AY Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF85063AT/AY Datasheet HTML 6Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 7Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 8Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 9Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 10Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 11Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 12Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 13Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Address
Register name
7
6
5
4
3
2
1
0
11h
Timer_mode
0
0
0
1
1
0
0
0
Table 7. Registers reset values...continued
The PCF85063A resets to:
Time
00:00:00
Date
20000101
Weekday
Saturday
7.2.2 Register Control_2
Bit
Symbol
Value
Description
Reference
alarm interrupt
0[1]
disabled
7
AIE
1
enabled
Section 7.2.2.1
Section 7.5.6
alarm flag
read: alarm flag inactive
0[1]
write: alarm flag is cleared
read: alarm flag active
6
AF
1
write: alarm flag remains unchanged
Section 7.2.2.1
Section 7.5.6
minute interrupt
0[1]
disabled
5
MI
1
enabled
Section 7.2.2.2
Section 7.2.2.3
half minute interrupt
0[1]
disabled
4
HMI
1
enabled
Section 7.2.2.2
Section 7.2.2.3
timer flag
0[1]
no timer interrupt generated
3
TF
1
flag set when timer interrupt generated
Section 7.2.2.1
Section 7.2.2.3
Section 7.6.3
2 to 0
COF[2:0]
see Table 10
CLKOUT control
Section 7.2.2.4
Table 8. Control_2 - control and status register 2 (address 01h) bit description
[1]
Default value.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
10 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com