Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # RPS
Description  120/230VAC input, 24V/36V/48V/60V output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

RPS Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  RPS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 5Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet of the Regulated Power Supplies
RPS2410, RPS369, RPS488, RPS4810, RPS608
120/230VAC input, 24V/36V/48V/60V output
Version 1.0
http://www.Leadshine.com
http://www.Leadshineusa.com
©2013 Leadshine Technology Co., Ltd.


Similar Part No. - RPS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RPS NICHICON-RPS Datasheet
667Kb / 2P
Standard
logo
Ohmite Mfg. Co.
RPS OHMITE-RPS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
KITAGAWA GmbH
RPS KGS-RPS Datasheet
790Kb / 1P
Releasable snap-mount spacer
logo
Level One
RPS-04A2 LVL1-RPS-04A2 Datasheet
535Kb / 5P
26-Port Stackable L3 Managed Gigabit Ethernet Switch, 4 x SFP/RJ45 Combo, 2 x Module Slots 10-Gigabit
logo
Mean Well Enterprises C...
RPS-120 MEANWELL-RPS-120 Datasheet
760Kb / 6P
120W Reliable Green Medical Power Supply
More results

Similar Description - RPS

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
48V Input, 3.3VDC, 30A Output
GAQW5V020 GALAXY-GAQW5V020 Datasheet
805Kb / 7P
48V Input, 5.0VDC, 20A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
48V Input, 2.0VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
48V Input, 2.5VDC, 40A Output
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
48V Input, 5VDC, 20A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
48V Input, 1.2VDC, 40A Output
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
24V 48V Input Full brick DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com