Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083PI Datasheet(PDF) 6 Page - Intersil Corporation

Part # X5083PI
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083PI Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X5083PI Datasheet HTML 2Page - Intersil Corporation X5083PI Datasheet HTML 3Page - Intersil Corporation X5083PI Datasheet HTML 4Page - Intersil Corporation X5083PI Datasheet HTML 5Page - Intersil Corporation X5083PI Datasheet HTML 6Page - Intersil Corporation X5083PI Datasheet HTML 7Page - Intersil Corporation X5083PI Datasheet HTML 8Page - Intersil Corporation X5083PI Datasheet HTML 9Page - Intersil Corporation X5083PI Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8127.3
June 15, 2006
01 2 3 4 5 67
SCK
SI
CS
06h
01 2 3 4 5 67 8 9 10
20 21 22 23
16 Bits
0001h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
FIGURE 1. SET VTRIP LEVEL SEQUENCE (VCC = DESIRED VTRIP VALUE)
01 2 3 4 5 67
SCK
SI
CS
06h
01 2 3 4 5 67 8 9 10
20 21 22 23
16 Bits
0003h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
FIGURE 2. RESET VTRIP LEVEL SEQUENCE (VCC > 3V. WP = 15-18V)
1
2
3
4
8
7
6
5
X5083
VTRIP
Adj.
VP
RESET
4.7K
SI
SO
CS
SCK
µC
Adjust
Run
FIGURE 3. SAMPLE VTRIP RESET CIRCUIT
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com