Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083PI Datasheet(PDF) 10 Page - Intersil Corporation

Part # X5083PI
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083PI Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X5083PI Datasheet HTML 6Page - Intersil Corporation X5083PI Datasheet HTML 7Page - Intersil Corporation X5083PI Datasheet HTML 8Page - Intersil Corporation X5083PI Datasheet HTML 9Page - Intersil Corporation X5083PI Datasheet HTML 10Page - Intersil Corporation X5083PI Datasheet HTML 11Page - Intersil Corporation X5083PI Datasheet HTML 12Page - Intersil Corporation X5083PI Datasheet HTML 13Page - Intersil Corporation X5083PI Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN8127.3
June 15, 2006
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
• A WREN instruction must be issued to set the write enable
latch.
•CS must come HIGH at the proper clock count in order to
start a nonvolatile write cycle.
• When VCC is below VTRIP, communications to the device
are inhibited.
01
234
5678
9
CS
SCK
SI
SO
High Impedance
Read Instruction
(1 Byte)
Byte Address (2 Byte)
Data Out
15 14
321
0
20 21 22 23 24 25 26 27 28 29 30
765
432
10
FIGURE 5. READ OPERATION SEQUENCE
01
234
567
CS
SCK
SI
SO
Read Status
Instruction
SO = Status Reg When no Nonvolatile
Write Cycle
...
...
...
B
L
2
B
L
1
B
L
0
W
D
0
W
D
1
FIGURE 6. READ STATUS OPERATION SEQUENCE
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com