Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0902RT1 Datasheet(PDF) 1 Page - Rohm

Part # CSL0902RT1
Description  Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs packed with transparent colorless resin.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0902RT1 Datasheet(HTML) 1 Page - Rohm

  CSL0902RT1 Datasheet HTML 1Page - Rohm CSL0902RT1 Datasheet HTML 2Page - Rohm CSL0902RT1 Datasheet HTML 3Page - Rohm CSL0902RT1 Datasheet HTML 4Page - Rohm CSL0902RT1 Datasheet HTML 5Page - Rohm CSL0902RT1 Datasheet HTML 6Page - Rohm CSL0902RT1 Datasheet HTML 7Page - Rohm CSL0902RT1 Datasheet HTML 8Page - Rohm CSL0902RT1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CSL0902RT1
Data Sheet
4. ABSOLUTE MAXIMUM RATINGS
*2
1)
1)
4)
2)
5)
3)
6)
3)
3)
5) Since there may be some variation on measurement result due to measurement machinery difference,
it is advisable to check the correlational measurement and the actual operation.
6) Tolerance : ±2nm
6. CLASSIFICATION
*3
(Ta=25
℃, IF=20mA)
1. CONSTRUCTION
Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs packed
with transparent colorless resin.
2. USAGE
*1
Light source for sensor application
Forward Current
IF (Ta=25
℃)
・・・・・・・・ 30mA
Peak Forward Current
IFP (Ta=25
℃)
・・・・・・・・ 100mA
3. DIMENSIONS
See Figure.1
Power Dissipation
PD (Ta=25
℃)
・・・・・・・・ 60mW
Storage Temperature
Tstg
・・・・・・・・ -40~+100
℃
Duty 1/10, 1kHz
5. ELECTRO-OPTICAL CHARACTERISTICS (Ta=25℃)
Reverse Voltage
VR (Ta=25
℃)
・・・・・・・・ 5V
Operation Temperature
Topr
・・・・・・・・ -40~+85
℃
UNITS
Forward Voltage
VF
IF=20mA
1.1
1.4
1.7
V
DISCRIPTION
SYMBOL
CONDITION
MIN.
TYP.
MAX.
μA
Radiant Intensity
IE
IF=20mA
2.8
4.6
5.6
mW/sr
Reverse Current
IR
VR=5V
-
-
10
nm
Spectral Line Half Width
Δλ
IF=20mA
-
25
-
nm
Peak Wavelength
λp
IF=20mA
840
850
870
"K1"
3.6
~
4.5
"K2"
4.5
~
5.6
2) Lighting time : 1msec  3) Lighting time : 10msec 4) Tolerance : ±3%
SYMBOL
Radiant Intensity : IE (mW/sr)
"J2"
2.8
~
3.6
7. PRODUCT WEIGHT   Product weight per piece, approx 0.002 grm.
8. MSL
    Level 3
*1 : This product cannot be used for Automotive & Industrial (base station, smart meters, signal, etc. and social infrastructure) usage.
If you are not sure about the usage, please contact ROHM.
*2 : Absolute maximum rating is the limit w hich must not be exceeded even for an instant, once exceeded, LED device destruction might occur.
This is not the value that guarantees intensity of light life and other reliabilities.
Please refer to the derating data
*3
& conducting test data, and make sure to keep the value w ithin absolute maximum rating w hile using.
*3 : If rank shift occur, w e may ask for re-approval of new rank w hen necessary.
*4 : Even w ithin derating, the reliability and luminosity life may be affected by deterioration of sealing resin and reflector, etc.
So please check w ith your application again.
1/16
2023.6 - Rev.001
www.rohm.com
©2023 ROHM Co., Ltd. All rights reserved


Similar Part No. - CSL0902RT1

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0902R3T1 ROHM-CSL0902R3T1 Datasheet
1Mb / 22P
Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs with transparent colorless resin.
2024.6 - Rev.002
CSL0902R3T1K1 ROHM-CSL0902R3T1K1 Datasheet
1Mb / 22P
Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs with transparent colorless resin.
2024.6 - Rev.002
CSL0902R3T1K2 ROHM-CSL0902R3T1K2 Datasheet
1Mb / 22P
Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs with transparent colorless resin.
2024.6 - Rev.002
More results

Similar Description - CSL0902RT1

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLS14BNTT68 ROHM-SMLS14BNTT68 Datasheet
1Mb / 17P
Blue Surface Mount Chip LEDs featuring with lens InGaN packed with transparent colorless resin.
2022.8 - Rev.002
CSL0902DT1 ROHM-CSL0902DT1 Datasheet
1Mb / 17P
Orange Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0902UT1 ROHM-CSL0902UT1 Datasheet
1Mb / 17P
Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
CSL0903VT1 ROHM-CSL0903VT1 Datasheet
1Mb / 17P
Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
2022.7 - Rev.002
SMLEN3EC8TT86 ROHM-SMLEN3EC8TT86 Datasheet
1Mb / 17P
Green Surface Mount Chip LEDs featuring InGaN packed with transparent colorless resin.
2022.8 - Rev.001
CSL0901S10T1 ROHM-CSL0901S10T1 Datasheet
4Mb / 18P
Short-wavelength Infrared(SWIR) Surface Mount Chip LEDs with lens featuring AlGaAs packed with transparent colorless resin.
2023.6 - Rev.001
CSL0901S13T1 ROHM-CSL0901S13T1 Datasheet
4Mb / 18P
Short-wavelength Infrared(SWIR) Surface Mount Chip LEDs with lens featuring InAlGaAs packed with transparent colorless resin.
2023.6 - Rev.001
CSL1002RT1 ROHM-CSL1002RT1 Datasheet
5Mb / 19P
Near-Infrared(NIR) Surface Mount Chip LEDs featuring AlGaAs packed with transparent colorless resin.
2023.6 - Rev.001
CSL1501R3T1 ROHM-CSL1501R3T1 Datasheet
5Mb / 19P
Near-Infrared(NIR) Surface Mount Chip LEDs featuring AlGaAs packed with transparent colorless resin.
2023.6 - Rev.001
CSL1501RT1 ROHM-CSL1501RT1 Datasheet
1Mb / 19P
Near-Infrared(NIR) Surface Mount Chip LEDs featuring AlGaAs packed with transparent colorless resin.
2023.5 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com