Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0902RT1 Datasheet(PDF) 17 Page - Rohm

Part # CSL0902RT1
Description  Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs packed with transparent colorless resin.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0902RT1 Datasheet(HTML) 17 Page - Rohm

Back Button CSL0902RT1 Datasheet HTML 11Page - Rohm CSL0902RT1 Datasheet HTML 12Page - Rohm CSL0902RT1 Datasheet HTML 13Page - Rohm CSL0902RT1 Datasheet HTML 14Page - Rohm CSL0902RT1 Datasheet HTML 15Page - Rohm CSL0902RT1 Datasheet HTML 16Page - Rohm CSL0902RT1 Datasheet HTML 17Page - Rohm CSL0902RT1 Datasheet HTML 18Page - Rohm CSL0902RT1 Datasheet HTML 19Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Reliability Test Result
6
RR-SML-1710
Product
LED
Package
SMD
Series
CSL0902RT
1.Test Result
240hrs
2.Failure Criteria
※This data is actual value from specific lot and is not guaranteed.
Forward Voltage
High Temperature
JEITA ED-4701
Solderbility
More than 95% of the electrode must be covered with solder.
Strage
22
22
0
22
0
Reverse Current
Appearance
Visual Check
60% of the initial value
Changing rate of ±10%
Maximum of specification
No major change in appearance
Items
Condition
Criteria
Radiant Intensity
Ta=85±2℃ 85±5%RH
High Humidity Strage
0
Load Life
JESD22-A108D
Ta=25±5℃ IF=IFMax.
1000hrs
22
Low Temperature
JESD22-A119A
Ta=Tstg Min.±5℃ 
1000hrs
Test Items
Reference
STD
Test Condition
Number of reflow : 2 times
22
0
*1
IF=20mA
VR=VR Max.
IF=20mA
B-121
A-121
2hours each on each direction of X,Y,Z
A-124
Vibration
JEITA ED-4701
100~2000Hz 98.1m/s2 
0
Immerse into rosin flux for 5±1sec,and the device
22
22
0
*1
High Temperature
JESD22-A103E
Ta=Tstg Max.+5℃/-0℃ 1000hrs
Thermal Cycle
Drop test
JEITA ED-4701
H=75cm Maple Boad : 3 times
JESD22-B102E
JESD22-A104E Ta=Tstg Min.℃(30min.) ~ Tstg Max.℃(30min.) 100cycle 
0
Strage
22
0
Solder Heat Resistance
Prtreatment : Temperature Humidity Strage
J-STD-020D-01
0
for 3±0.5sec into Pb-free solder bath at 245±5℃
n
Pn
(pcs)
(pcs)
Solderbility
for Reflow Soldering
(30℃/70%RH/168hr)
Reflow Peak Temp. : 260℃ 10sec Over 230℃/60sec
Preheat : 140 to 180℃ 60sec
22
www.rohm.com.
©2023 ROHM Co., Ltd. All rights reserved
2023.06-Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com