Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYL1020B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBYL1020B
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYL1020B Datasheet(HTML) 4 Page - NXP Semiconductors

  PBYL1020B Datasheet HTML 1Page - NXP Semiconductors PBYL1020B Datasheet HTML 2Page - NXP Semiconductors PBYL1020B Datasheet HTML 3Page - NXP Semiconductors PBYL1020B Datasheet HTML 4Page - NXP Semiconductors PBYL1020B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYL1025B series
Schottky barrier
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.4 g
Fig.7. SOT404 : centre pin connected to mounting base.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.8. SOT404 : soldering pattern for surface mounting.
Notes
1. Epoxy meets UL94 V0 at 1/8".
11 max
4.5 max
1.4 max
10.3 max
0.5
15.4
2.5
0.85 max
(x2)
2.54 (x2)
17.5
11.5
9.0
5.08
3.8
2.0
October 1998
4
Rev 1.100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com