Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYL1020B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYL1020B
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYL1020B Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYL1020B Datasheet HTML 1Page - NXP Semiconductors PBYL1020B Datasheet HTML 2Page - NXP Semiconductors PBYL1020B Datasheet HTML 3Page - NXP Semiconductors PBYL1020B Datasheet HTML 4Page - NXP Semiconductors PBYL1020B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYL1025B series
Schottky barrier
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
• Fast switching
V
R = 20 V/ 25 V
• Reverse surge capability
• High thermal cycling performance
I
F(AV) = 10 A
• Low thermal resistance
V
F ≤ 0.4 V
GENERAL DESCRIPTION
PINNING
SOT404
Schottky rectifier diodes intended
PIN
DESCRIPTION
for use as output rectifiers in low
voltage, high frequency switched
1
no connection
mode power supplies.
2
cathode
1
The PBYL1025B series is supplied
in the SOT404 surface mounting
3
anode
package.
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PBYL10
20B
25B
V
RRM
Peak repetitive reverse
-
20
25
V
voltage
V
RWM
Working peak reverse
-
20
25
V
voltage
V
R
Continuous reverse voltage
T
mb ≤ 119 ˚C
-
20
25
V
I
F(AV)
Average rectified forward
square wave;
δ = 0.5; T
mb ≤ 132 ˚C
-
10
A
current
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
mb ≤ 132 ˚C
-
20
A
current
I
FSM
Non-repetitive peak forward
t = 10 ms
-
130
A
current
t = 8.3 ms
-
150
A
sinusoidal; T
j = 125 ˚C prior to
surge; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
pulse width and repetition rate
-
1
A
surge current
limited by T
j max
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 65
175
˚C
k
a
tab
3
13
tab
2
1 it is not possible to make connection to pin 2 of the SOT428 package
October 1998
1
Rev 1.100


Similar Part No. - PBYL1020B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYL1020 PHILIPS-PBYL1020 Datasheet
42Kb / 5P
Rectifier diodes Schottky barrier
March 1998 Rev 1.000
More results

Similar Description - PBYL1020B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com