Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDT-24CAN-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDT-24CAN-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT-24CAN-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDT-24CAN-HF Datasheet HTML 1Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 2Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 3Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDT-24CAN-HF
SMD ESD Protection Diode
Comchip Technology CO., LTD.
Features
RoHS Device
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
Page 1
AQW-JP010
A
W
kV
Parameter
Symbol
Value
Unit
Maximum Rating (at TA=25°C unless otherwise noted)
ESD
PPP
IPP
- Due to integrated diode structure only one
small SOT-23 package is needed to protect
two CAN bus lines.
- Max. peak pulse power: PPP=200W at tp=8/20ms.
- Low clamping voltage.
- Ultra low leakage current.
Electrostatic discharge capability
HBM MIL-STD 883
Peak pulse power (tp = 8/20µs)
Peak pulse current (tp = 8/20µs)
°C
°C
Tamb
Tj
Junction temperature
Storage temperature range
150
-65 to +125
3
200
23
10
Dimensions in inches and (millimeter)
SOT-23
0.122(3.10)
0.106(2.70)
0.059(1.50)
0.043(1.10)
0.079(2.00)
0.071(1.80)
0.043(1.10)
0.020(0.50)
0.006(0.15)
0.102(2.60)
0.087(2.20)
0.004(0.10)
0.014(0.35)
0.019(0.48)
0.001(0.02)
1
2
3
0.035(0.90)
0.012(0.30)
0.002(0.05)
Mechanical data
- Case: SOT-23, molded plastic.
- Mounting position: Any.
- ESD protection of up to 23KV.
°C
TSTG
-65 to +150
Ambient temperature range
- AEC-Q101 Qualified.
Circuit Diagram
1
2
3
IEC 61000-4-2 (contact discharge)


Similar Part No. - ACPDT-24CAN-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDT-24V COMCHIP-ACPDT-24V Datasheet
125Kb / 4P
SMD ESD Protection Diode
ACPDT-24V-HF COMCHIP-ACPDT-24V-HF Datasheet
127Kb / 4P
SMD ESD Protection Diode
ACPDT-24V0HT-HF COMCHIP-ACPDT-24V0HT-HF Datasheet
465Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDT-24V0UCHT-HF COMCHIP-ACPDT-24V0UCHT-HF Datasheet
466Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDT-24VE-HF COMCHIP-ACPDT-24VE-HF Datasheet
470Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDT-24CAN-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com