Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDT-24CAN-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDT-24CAN-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT-24CAN-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDT-24CAN-HF Datasheet HTML 1Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 2Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 3Page - Comchip Technology ACPDT-24CAN-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (ACPDT-24CAN-HF)
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Page 2
V
V
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
IT = 1mA
VBR
VRWM
Reverse stand-off voltage
Reverse breakdown voltage
25.4
24
V
nA
VRWM = 24V
IPP = 1A
VC
IR
Reverse leakage current
Clamping voltage
40
50
pF
IPP = 3A
VR = 0V, f = 1MHz
Cd
VC
11
70
IR = 1mA
rdif
Junction capacitance
300
0
8
16
20
4
0
5
10
15
20
25
Fig.3 - Cd vs VR Cure
VR, (V)
SMD ESD Protection Diode
Differential resistance
27.8
30.3
Fig.1 - 8/20µs Peak Pulse Current
Waveform Acc. IEC 61000-4-5
0%
Time, (µs)
0
10
20
30
40%
80%
120%
40
100%IPP: 8µs
50%IPP: 20µs
-t
e
Fig.2 - ESD Pulse Waveform According
to IEC 61000-4-2
tr = 0.7ns to1ns
t
10%
90%
30ns
100%
60ns
0
20
40
50
60
10
30
1
2
3
4
Fig.4 - VC vs IPP Cure
IPP, (A)
12
Ω
AQW-JP010
REV:A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com