Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR7V0-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDVR7V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR7V0-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDVR7V0-HF Datasheet HTML 1Page - Comchip Technology CPDVR7V0-HF Datasheet HTML 2Page - Comchip Technology CPDVR7V0-HF Datasheet HTML 3Page - Comchip Technology CPDVR7V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDVR7V0-HF
Page 1
Comchip Technology CO., LTD.
REV:A
QW-JP071
RoHS Device
Circuit Diagram
Company reserves the right to improve product design , functions and reliability without notice.
Halogen Free
SMD ESD Protection Diode
Features
- Bi-directional ESD protection of one line.
- Excellent package: 1.0mm x 0.6mm x 0.5mm.
- Fast response time.
- Low reverse clamping voltage.
- Low leakage current.
- JESD22-A114-B ESD rating of class 3B per
human body model.
- IEC 61000-4-2 Level 4 ESD protection.
- Reverse stand-off voltage: 7V.
Mechanical data
- Case: WBFBP-02C-A package,
molded plastic.
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Peak pulse power (Note 2)
PPP
W
85
Junction temperature
TJ
°C
Storage temperature range
TSTG
-55 ~ +150
°C
kV
150
Peak pulse current (Note 2)
IPP
A
260
±16
Lead solder temperature - maximum (10 second duration)
TL
°C
5
±25
±0.4
VESD
(Note 1)
IEC 61000-4-2 ESD voltage
air model
IEC 61000-4-2 ESD voltage
contact model
JESD22-A114-B ESD voltage
per human body model
ESD voltage
machine model
Notes: 1. Device stressed with ten non-repetitive ESD pulses.
2. Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC 61000-4-5.
Dimensions in inches and (millimeter)
WBFBP-02C-A
0.027(0.68)
0.023(0.58)
0.014(0.36)
0.002(0.05)
0.002(0.05)
0.015(0.37)
0.011(0.27)
0.015(0.39)
REF.
REF.
REF.
REF.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.020(0.50)
0.016(0.40)
0.017(0.42)
REF.
0.022(0.55)
0.018(0.45)
0.004(0.09)
0.000(0.01)


Similar Part No. - CPDVR7V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR065V0U-HF COMCHIP-CPDVR065V0U-HF Datasheet
109Kb / 5P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
CPDVR083V3U-HF COMCHIP-CPDVR083V3U-HF Datasheet
200Kb / 5P
SMD ESD Protection Diode
CPDVR083V3UA COMCHIP-CPDVR083V3UA Datasheet
201Kb / 5P
SMD ESD Protection Diode
More results

Similar Description - CPDVR7V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com